Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMM2V2 Datasheet(PDF) 3 Page - Kingtronics International Company

Part # ZMM2V2
Description  Silicon Epitaxial Planar Zener Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

ZMM2V2 Datasheet(HTML) 3 Page - Kingtronics International Company

  ZMM2V2 Datasheet HTML 1Page - Kingtronics International Company ZMM2V2 Datasheet HTML 2Page - Kingtronics International Company ZMM2V2 Datasheet HTML 3Page - Kingtronics International Company ZMM2V2 Datasheet HTML 4Page - Kingtronics International Company ZMM2V2 Datasheet HTML 5Page - Kingtronics International Company ZMM2V2 Datasheet HTML 6Page - Kingtronics International Company ZMM2V2 Datasheet HTML 7Page - Kingtronics International Company ZMM2V2 Datasheet HTML 8Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Characteristics at Ta = 25℃
1)
Tested with pulses tp = 20 ms.
2)
The ZMM1 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be "F" instead of "Z". Connect the cathode
electrode to the negative pole.
Type
Zener Voltage Range 1)
Dynamic Resistance
Reverse Leakage Current
Temp.Coeffici
ent
Type of Zener
Voltage
VZnom
VZT
at lZT
ZZT
ZZK
at IZK
Ta = 25 ℃
Ta = 125 ℃
at VR
(V)
(V)
(mA)
Max.(
Ω)
Max.(
Ω)
(mA)
Max. (
μA)
Max. (
μA)
(V)
TKvz (%/K)
ZMM39
39
37...41
2.5
90
500
0.5
0.1
5
30
0.04...0.12
ZMM43
43
40...46
2.5
90
500
0.5
0.1
5
33
0.04...0.12
ZMM47
47
44...50
2.5
110
600
0.5
0.1
5
36
0.04...0.12
ZMM51
51
48...54
2.5
125
700
0.5
0.1
10
39
0.04...0.12
ZMM56
56
52...60
2.5
135
700
0.5
0.1
10
43
0.04...0.12
ZMM62
62
58...66
2.5
150
1000
0.5
0.1
10
47
0.04...0.12
ZMM68
68
64...72
2.5
200
1000
0.5
0.1
10
51
0.04...0.12
ZMM75
75
70...79
2.5
250
1000
0.5
0.1
10
56
0.04...0.1
Breakdowm characteristics
Tj=constant (pulsed)
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
ZMM1 THRU
ZMM75



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com