Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4351 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M74HC4351
Description  ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4351 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M74HC4351 Datasheet HTML 8Page - STMicroelectronics M74HC4351 Datasheet HTML 9Page - STMicroelectronics M74HC4351 Datasheet HTML 10Page - STMicroelectronics M74HC4351 Datasheet HTML 11Page - STMicroelectronics M74HC4351 Datasheet HTML 12Page - STMicroelectronics M74HC4351 Datasheet HTML 13Page - STMicroelectronics M74HC4351 Datasheet HTML 14Page - STMicroelectronics M74HC4351 Datasheet HTML 15Page - STMicroelectronics M74HC4351 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Ceramic DIP20 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
25
0.984
B
7.8
0.307
D
3.3
0.130
E
0.5
1.78
0.020
0.070
e3
22.86
0.900
F
2.29
2.79
0.090
0.110
G
0.4
0.55
0.016
0.022
I
1.27
1.52
0.050
0.060
L
0.22
0.31
0.009
0.012
M
0.51
1.27
0.020
0.050
N1
4
° (min.), 15° (max.)
P
7.9
8.13
0.311
0.320
Q
5.71
0.225
P057H
M54/M74HC4351/4352/4353
13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com