Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4094 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74HC4094
Description  8 BIT SIPO SHIFT LATCH REGISTER 3-STATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74HC4094 Datasheet(HTML) 3 Page - STMicroelectronics

  74HC4094 Datasheet HTML 1Page - STMicroelectronics 74HC4094 Datasheet HTML 2Page - STMicroelectronics 74HC4094 Datasheet HTML 3Page - STMicroelectronics 74HC4094 Datasheet HTML 4Page - STMicroelectronics 74HC4094 Datasheet HTML 5Page - STMicroelectronics 74HC4094 Datasheet HTML 6Page - STMicroelectronics 74HC4094 Datasheet HTML 7Page - STMicroelectronics 74HC4094 Datasheet HTML 8Page - STMicroelectronics 74HC4094 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TRUTH TABLE
CK
OE
ST
SI
PARALLEL OUTPUT
SERIAL OUTPUT
Q1
Qn
Qs
Qs’
H
H
L
L
Qn-1
Q7
NC
H
H
H
H
Qn-1
Q7
NC
H
L
X
NCNCQ7
NC
L
XXZ
Z
Q7
NC
HX
X
NC
NC
NC
Qs
L
XXZ
Z
NC
Qs
X: Don’t Care Z: High Impedance NC: No Change
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
1
STROBE
Strobe Input
2
SERIAL IN
Serial Input
3
CLOCK
Clock Input
4, 5, 6, 7,
14, 13, 12,
11
Q1 to Q7
Parallel Outputs
9, 10
QS Q’S
Serial Outputs
15
OE
Output Enable Input
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
IEC LOGIC SYMBOL
INPUT AND OUTPUT EQUIVALENT CIRCUIT
M54/ M74HC4094
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com