Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1415RT-E/OT Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1415RT-E/OT
Description  Tiny 1.5A, High-Speed Power MOSFET Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1415RT-E/OT Datasheet(HTML) 5 Page - Microchip Technology

  MCP1415RT-E/OT Datasheet HTML 1Page - Microchip Technology MCP1415RT-E/OT Datasheet HTML 2Page - Microchip Technology MCP1415RT-E/OT Datasheet HTML 3Page - Microchip Technology MCP1415RT-E/OT Datasheet HTML 4Page - Microchip Technology MCP1415RT-E/OT Datasheet HTML 5Page - Microchip Technology MCP1415RT-E/OT Datasheet HTML 6Page - Microchip Technology MCP1415RT-E/OT Datasheet HTML 7Page - Microchip Technology MCP1415RT-E/OT Datasheet HTML 8Page - Microchip Technology MCP1415RT-E/OT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
 2008-2016 Microchip Technology Inc.
DS20002092G-page 5
MCP1415/16
2.0
TYPICAL PERFORMANCE CURVES
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
Note:
Unless otherwise indicated, TA = +25°C with 4.5V  VDD = 18V.
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Rise Time vs. Capacitive
Load.
12
14
16
18
20
22
24
26
28
30
32
-40 -25 -10
5
203550658095 110 125
Temperature (
°C)
t
RISE
t
FALL
FIGURE 2-3:
Rise and Fall Times vs.
Temperature.
FIGURE 2-4:
Fall Time vs. Supply
Voltage.
FIGURE 2-5:
Fall Time vs. Capacitive
Load.
20
30
40
50
60
70
80
90
100
110
120
2468
10
12
Input Amplitude (V)
t
D1
MCP1415 t
D2
MCP1416 t
D2
V
DD = 18V
FIGURE 2-6:
Propagation Delay Time vs.
Input Amplitude.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com