Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPC400 Datasheet(PDF) 3 Page - NiceRF Wireless Technology Co., Ltd.

Part # FPC400
Description  FPC400
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.

FPC400 Datasheet(HTML) 3 Page - NiceRF Wireless Technology Co., Ltd.

  FPC400 Datasheet HTML 1Page - NiceRF Wireless Technology Co., Ltd. FPC400 Datasheet HTML 2Page - NiceRF Wireless Technology Co., Ltd. FPC400 Datasheet HTML 3Page - NiceRF Wireless Technology Co., Ltd. FPC400 Datasheet HTML 4Page - NiceRF Wireless Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.nicerf.com
FPC400
NiceRF Wireless Technology Co., Ltd.
Rev 1.0
sales@nicerf.com
- 3 -
1. Technical Parameter
Frequency Range: 400-500 MHz
VSWR: ≤ 4.0
Gain: 2.0 dBi
Input impedance: 50 Ω
Interface form: SMA-J /IPEX-1
Operating Temperature: -40~+65°C
Antenna Color: Black
2. Size (unit:mm)
3. VSWR
antenna undergoes strict testing with a network analyzer in a wireless data transmission system
simulation environment before leaving the factory.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com