Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZEJ Datasheet(PDF) 57 Page - Texas Instruments

Part # AM261...ZEJ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 57 Page - Texas Instruments

Back Button AM261...ZEJ Datasheet HTML 53Page - Texas Instruments AM261...ZEJ Datasheet HTML 54Page - Texas Instruments AM261...ZEJ Datasheet HTML 55Page - Texas Instruments AM261...ZEJ Datasheet HTML 56Page - Texas Instruments AM261...ZEJ Datasheet HTML 57Page - Texas Instruments AM261...ZEJ Datasheet HTML 58Page - Texas Instruments AM261...ZEJ Datasheet HTML 59Page - Texas Instruments AM261...ZEJ Datasheet HTML 60Page - Texas Instruments AM261...ZEJ Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 218 page
background image
Table 5-9. CPSW0 RGMII2 Signal Descriptions (continued)
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
RGMII2_RD0
I
RGMII Receive Data 0
K17
N17
K14
M18
RGMII2_RD1
I
RGMII Receive Data 1
K18
N19
H14
L19
RGMII2_RD2
I
RGMII Receive Data 2
J18
M18
G16
K19
RGMII2_RD3
I
RGMII Receive Data 3
J17
M20
J14
L17
RGMII2_TD0
O
RGMII Transmit Data 0
M16
P20
J15
N18
RGMII2_TD1
O
RGMII Transmit Data 1
M15
P19
J16
N19
RGMII2_TD2
O
RGMII Transmit Data 2
H17
K20
F15
H19
RGMII2_TD3
O
RGMII Transmit Data 3
H16
L19
G14
H18
Table 5-10. CPSW0 RMII1 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
RMII1_CRS_DV
I
RMII Carrier Sense / Data Valid
D17, P18
E19, U19
L13
R17
RMII1_REF_CLK
IO
RMII Reference Clock
E16, R17
F19, W20
E13, P16
D19, V19
RMII1_RX_ER
I
RMII Receive Data Error
F15, R18
F20, V19
M14
E18, U17
RMII1_TX_EN
O
RMII Transmit Enable
A17, M18
E18, T20
M16
A18, T19
RMII1_RXD0
I
RMII Receive Data 0
F18, U17
H20, Y18
D14, P14
G18, W17
RMII1_RXD1
I
RMII Receive Data 1
G16, T17
H19, W18
D16, P15
F18, V17
RMII1_TXD0
O
RMII Transmit Data 0
B18, P16
F17, V18
N15
D18, U18
RMII1_TXD1
O
RMII Transmit Data 1
B17, P17
D20, V20
N16
C18, U19
Table 5-11. CPSW0 RMII2 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
RMII2_CRS_DV
I
RMII Carrier Sense / Data Valid
G18
J20
E16
J18
RMII2_REF_CLK
IO
RMII Reference Clock
K15
N20
H15
L18
RMII2_RX_ER
I
RMII Receive Data Error
G17
K19
F14
G17
RMII2_TX_EN
O
RMII Transmit Enable
L16
P18
H16
M19
RMII2_RXD0
I
RMII Receive Data 0
K17
N17
K14
M18
RMII2_RXD1
I
RMII Receive Data 1
K18
N19
H14
L19
RMII2_TXD0
O
RMII Transmit Data 0
M16
P20
J15
N18
RMII2_TXD1
O
RMII Transmit Data 1
M15
P19
J16
N19
Table 5-12. CPSW0 MII1 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
MII1_COL
I
MII Collision Detected
C18, P15
E20, W17
T15
W16
MII1_CRS
I
MII Carrier Sense
D17, R16
E19, Y17
R15
V16
MII1_RXCLK
I
MII Receive Clock
E16, R17
F19, W20
E13, P16
D19, V19
MII1_RXDV
I
MII Receive Data Valid
F16, R18
G19, V19
D15, M14
E19, U17
MII1_RX_ER
I
MII Receive Data Error
F15, T16
F20, Y16
T14
E18, W15
MII1_TXCLK
I
MII Transmit Clock
C16, N18
B20, U20
L15
B18, R18
MII1_TX_EN
O
MII Transmit Enable
A17, M18
E18, T20
M16
A18, T19
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com