Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2432BKEGHIALXR. Datasheet(PDF) 3 Page - Texas Instruments

Part # AM2432BKEGHIALXR.
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2432BKEGHIALXR. Datasheet(HTML) 3 Page - Texas Instruments

  AM2432BKEGHIALXR. Datasheet HTML 1Page - Texas Instruments AM2432BKEGHIALXR. Datasheet HTML 2Page - Texas Instruments AM2432BKEGHIALXR. Datasheet HTML 3Page - Texas Instruments AM2432BKEGHIALXR. Datasheet HTML 4Page - Texas Instruments AM2432BKEGHIALXR. Datasheet HTML 5Page - Texas Instruments AM2432BKEGHIALXR. Datasheet HTML 6Page - Texas Instruments AM2432BKEGHIALXR. Datasheet HTML 7Page - Texas Instruments AM2432BKEGHIALXR. Datasheet HTML 8Page - Texas Instruments AM2432BKEGHIALXR. Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 282 page
background image
Functional safety:
• Functional Safety-Compliant
– Developed for functional safety applications
– Documentation available to aid IEC 61508
functional safety system design
– Systematic capability up to SIL 3
– Hardware integrity up to SIL 2
– Safety-related certification
• IEC 61508 certification by TUV SUD
– ECC or parity on calculation-critical memories
– Built-In Self-Test (BIST) for CPU and on-chip
RAM
– Error Signaling Module (ESM) with dedicated
error pin
– ECC and parity on select internal bus
interconnects
– Run-time safety diagnostics, including:
• Voltage, Temperature, and Clock Monitoring
• Windowed Watchdog Timers
• CRC Engine for memory integrity checks
– MCU domain with dedicated memory,
interfaces, and M4FSS capable of isolation
from the larger SoC with Freedom From
Interference (FFI) features:
• Separate interconnect
• Firewalls and timeout gaskets
• Controlled reset isolation
• Dedicated MCU PLL and MMR control
• Separate I/O voltage supply rail
SoC architecture:
• Supports boot from OSPI/QSPI Flash, SPI Flash,
parallel NOR Flash, parallel NAND Flash, UART,
I2C, MMCSD, eMMC, USB, PCIe, and Ethernet
interfaces.
• 16-nm FinFET technology
Package options:
• ALV: 17.2mm × 17.2mm, 0.8mm pitch
(441-pin) [Lidded] Flip-Chip Ball Grid Array
(FCBGA)
• ANI: 17.2mm × 17.2mm, 0.8mm pitch
(441-pin) [Lidded] Flip-Chip Ball Grid Array
(FCBGA)
• ALX: 11.0mm × 11.0mm, 0.5mm pitch
(293-pin) [Overmolded] Flip-Chip Chip Scale
Package
(FCCSP)
 
2 Applications
• Programmable Logic Controller (PLC)
• Motor drives
• Remote I/O
• Factory automation robots
• Industrial & collaborative robots
• Condition-monitoring gateway
• Communication module
• Field transmitter
• Test & measurement
• Industrial mobile robots
• Home automation robots
• General-purpose controller
www.ti.com
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com