Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2432BSDFHIALVR Datasheet(PDF) 2 Page - Texas Instruments

Part # AM2432BSDFHIALVR
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2432BSDFHIALVR Datasheet(HTML) 2 Page - Texas Instruments

  AM2432BSDFHIALVR Datasheet HTML 1Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 2Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 3Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 4Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 5Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 6Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 7Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 8Page - Texas Instruments AM2432BSDFHIALVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 282 page
background image
– Support for takeover protection, IP protection,
and anti-roll back protection
• Security co-processor (DMSC-L) for key and
security management, with dedicated device level
interconnect for security
– Secure watchdog/timer/IPC
– Extensive firewall support for isolation
• Cryptographic acceleration supported
– Session-aware cryptographic engine with ability
to auto-switch key-material based on incoming
data stream
• Supports cryptographic cores
– AES – 128-/192-/256-Bit key sizes
– SHA2 – 224-/256-/384-/512-Bit key sizes
– DRBG with true random number generator
– PKA (Public Key Accelerator) to Assist in
RSA/ECC processing for secure boot
• Debugging security
– Secure software controlled debug access
– Security aware debugging
General connectivity peripherals:
• 6× Inter-Integrated Circuit (I2C) ports
• 9× Universal Asynchronous Receive/Transmit
(UART) modules
• 1× 12-bit Analog-to-Digital Converters (ADC)
– Configurable sample rate up to 4MSPS
– 8× multiplexed analog inputs
• 7× Multichannel Serial Peripheral Interfaces (SPI)
controllers
• 3× General-Purpose I/O (GPIO) modules
Industrial and control interfaces:
• 9× Enhanced Pulse-Width Modulator (EPWM)
modules
• 3× Enhanced Capture (ECAP) modules
• 3× Enhanced Quadrature Encoder Pulse (EQEP)
modules
• 2× Modular Controller Area Network (MCAN)
modules with full CAN-FD support
• 2× Fast Serial Interface Transmitter (FSITX) cores
• 6× Fast Serial Interface Receiver (FSIRX) cores
High-speed interfaces:
• 1× Integrated Ethernet switch supporting: (CPSW)
– Up to 2 external Ethernet ports
• RGMII (10/100/1000)
• RMII (10/100)
– IEEE 1588 (2008 Annex D, Annex E, Annex F)
with 802.1AS PTP
– Clause 45 MDIO PHY management
– Energy efficient Ethernet (802.3az)
• 1× PCI-Express® Gen2 controller (PCIE)
– Supports Gen2 Single Lane operation
• 1× USB 3.1 Dual-Role Device (DRD) Subsystem
(USBSS)
– Port configurable as USB Host, USB Device, or
USB Dual-Role device
– USB Device: High-speed (480Mbps) and Full-
speed (12Mbps)
– USB Host: SuperSpeed Gen1 (5Gbps), High-
speed (480Mbps), Full-speed (12Mbps), and
Low-speed (1.5Mbps)
– Integrated USB VBUS detection
• 1× Serializer/Deserializer (SERDES)
– One SERDES PHY lane to support either
PCI-Express® Gen2 or USB SuperSpeed Gen1
Media and data storage:
• 2× Multimedia Card/Secure Digital (MMCSD)
interfaces
– One 8-bit for eMMC (MMCSD0)
– One 4-bit for MMCSD/SDIO (MMCSD1)
– Integrated analog switch for voltage switching
from 3.3V to 1.8V for high-speed cards
• 1× General-Purpose Memory Controller (GPMC)
– 16-bit parallel bus with 133MHz clock or
– 32-bit parallel bus with 100MHz clock
– Error Location Module (ELM) support
• 1× Flash Subsystem (FSS) for external memory
configurable as either:
– 1× Octal SPI (OSPI) flash interface
– or 1× Quad SPI (QSPI) flash interface
Power management:
• Simplified power sequencing requirements
• Dual-voltage I/O Support (3.3V / 1.8V)
• Integrated SDIO LDO for handling automatic
voltage transition for SD interface
• Integrated voltage supervisor for monitoring over-
voltage and under-voltage conditions
• Integrated power supply glitch detector for
detecting fast supply transients
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
www.ti.com
2
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com