Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX1 Datasheet(PDF) 1 Page - YORKVILLE

Part # EX1
Description  EX1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

EX1 Datasheet(HTML) 1 Page - YORKVILLE

  EX1 Datasheet HTML 1Page - YORKVILLE EX1 Datasheet HTML 2Page - YORKVILLE EX1 Datasheet HTML 3Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
élite
Powered Series
EX1
Overview
The simple concept behind the élite éXcursion1000 was to create a powerful,
effective and highly mobile active stereo live PA / Club System centered around
one 15-inch active subwoofer and two active 8-inch / 1-inch bi-amplified
satellite loudspeakers.
The core of the élite éXcursion1000 is the single 15-inch loaded subwoofer that
houses the input section, electronic crossover networks and five integrated
power amplifier modules that power the entire éXcursion1000 system.
The éXcursion1000 system delivers over 950 Watts total power. 650 Watts is
dedicated to the subwoofer, and 150 Watts to each of the two satellite
loudspeakers. To ensure system performance and clarity, the satellite
speakers are bi-amplified (125 Watts to each 8-inch driver and 25 Watts to
each 1-inch horn). The satellite speakers are connected to the subwoofer with
two 8m Speakon™ four-connector speaker cables that are included with the
package. The system is powered by one AC line cord ensuring quick and
convenient set-up and tear-down, with a minimum of cabling and
connectivity around the stage. True to Yorkville loudspeaker design, all of the
cabinets in the élite éXcursion1000 are made with strong, durable plywood,
not MDF or composites.
Click To View High Resolution Image The electronic crossover network
ensures an acoustically perfect transition between the subwoofer and the
mid / high satellite speakers. Opto-limiter circuitry in the crossover network
provides an unobtrusive and ''musical sounding'' compression that not only
protects the speaker components, but also ensures balanced and clear
reproduction from the satellite cabinets. The entire system can be connected
to any mono or stereo mixer source through either XLR or 1/4-inch TRS
balanced inputs. To ensure trouble free movement from Point A to Point B, the
éXcursion1000 comes shipped with a detachable swivel caster dolly and
Velcro™ tie down strap for the satellite cabinets. Unlike competitive system
solutions, the caster kit from the élite éXcursion1000 does not remain
attached to the subwoofer when the system is in use, eliminating caster buzz
and rattle during live performances.
A complete, self contained and powered system with passive and active
crossover networks, equalization, and separate stereo and subwoofer level
control all built in, making the éXcursion Series the ultimate in compact
live/DJ systems. A complete PA system that truly is "Plug and Play".
yorkville.com
EX1 Packed on Dolly Board


Similar Part No. - EX1

ManufacturerPart #DatasheetDescription
logo
NEC
EX1 NEC-EX1 Datasheet
926Kb / 7P
Miniature Relays
logo
CBC Group. CBC AMERICA ...
EX1.5C COMPUTAR-EX1.5C Datasheet
416Kb / 1P
Increases the focaI length of a lens by a factor of 1.5 or 2 times when screwed onto the rear of a lens.
2004.5
EX1.5CS COMPUTAR-EX1.5CS Datasheet
416Kb / 1P
Increases the focaI length of a lens by a factor of 1.5 or 2 times when screwed onto the rear of a lens.
2004.5
logo
List of Unclassifed Man...
EX10 ETC-EX10 Datasheet
5Mb / 30P
ExaGrid Tiered Backup Storage
EX10-SEC ETC-EX10-SEC Datasheet
5Mb / 30P
ExaGrid Tiered Backup Storage
More results

Similar Description - EX1

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
AFBR-79EQDZ-EX1-C ATGBICS-AFBR-79EQDZ-EX1-C Datasheet
541Kb / 15P
AFBR-79EQDZ-EX1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com