Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP-LED2M Datasheet(PDF) 1 Page - YORKVILLE

Part # LP-LED2M
Description  BATTERY POWERED LED LIGHTING SYSTEM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

LP-LED2M Datasheet(HTML) 1 Page - YORKVILLE

  LP-LED2M Datasheet HTML 1Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
System Type
LED Lighting System
Powered or Passive
Battery Powered
Battery Life (Per Charge)
5 - 12 Hours
Max AC Input Voltage
100-240VAC 50/60 Hz
Power Consumption LEDs
14 watts per LED
(4 LEDs, 56 watts per pod)
Power Consumption
200VA, 1.7A @ 120VAC Nominal
Stand Mount Size
1 3/8-inch Round
Pole Through Design
Manual Controls
Master Brightness
Lamp Colours
Effect Modes
Colour Chase / Colour Fade /
Audio Chase / Bluetooth
Bluetooth Control App
IOS & Android
DMX
Shielded 3-pin XLR Cable
Sound Active Mode
Integrated Microphone
Audio Input
Line Level or Speaker Level
Yorkville Controller
LP-C12 or LP-C4
Dimensions (LWH inches)
27 x 4.8 x 11.1
Dimenstions (LWH cm)
68.6 x 12.25 x 28.2
Weight
22.5 lbs (10.2 kg)
Box Dimensions (LxWxH, inches)
30 x 13 x 8
Box Dimensions (LxWxH, cm)
76 x 33 x 20
Specifications subject to change without notice
Features
l
Battery Powered LED Lighting System
l
Two Pods each with Four RGBW LEDS
l
5 to 12 hrs battery life
l
Bluetooth Compatible
l
Operates in Standalone Mode, Controlled Via Yorkville
Proprietary Communication Protocol, Integrated DMX I/O,
Bluetooth Control (IOS) and Android
l
Integrated Microphone for Sound Active mode
l
31 Pre-set Colors per Pod in Standalone Mode
l
Master Brightness Control
l
Audio Chase Input (Line Level or Speaker Level)
l
Pole Adapter goes right through unit allowing stacking of
multiple LP-LED2M’s or to be mounted under a loudspeaker
l
Made in Canada
Overview
Built with the solo performer and mobile DJ in mind, the LP-LED2M is
designed to add professional lighting to your stage or dancefloor. Easy to
carry, battery powered and Bluetooth compatible, the LP-LED2M is built
for easy operation and simple integration.
A standalone LP-LED2M will provide ample coverage using its advanced
on-board programming and effect banks. Multiple LP-LED2M units can
be connected and operated in unison using a standard microphone cable
for communication between models.
LP-LED2M
BATTERY POWERED LED LIGHTING SYSTEM
yorkville.com
LP-LED2M
The iOS and Android App,
via Bluetooth, controls up to
4 individual LP-LED2M
fixtures.
Available for
FREE DOWNLOAD
Type: yorkville LP-control


Similar Part No. - LP-LED2M

ManufacturerPart #DatasheetDescription
logo
YORKVILLE
LP-LED2X YORKVILLE-LP-LED2X Datasheet
1Mb / 1P
2 HEAD LED LIGHTING SYSTEM
More results

Similar Description - LP-LED2M

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLSO-TR46000-M2X2 P-TEC-PLSO-TR46000-M2X2 Datasheet
434Kb / 1P
SOLID-STATE LED LIGHTING SYSTEM
logo
Advanced Monolithic Sys...
AMS6206 AMS-AMS6206 Datasheet
376Kb / 6P
Battery powered equipment
AMS6816 AMS-AMS6816 Datasheet
339Kb / 5P
Battery powered equipment
logo
List of Unclassifed Man...
701906-3WC4X ETC2-701906-3WC4X Datasheet
701Kb / 2P
LED lighting system for cooler doors
701948-5WSWT2 ETC2-701948-5WSWT2 Datasheet
1Mb / 3P
LED lighting system for fuel canopies
701948-5WCWT3 ETC2-701948-5WCWT3 Datasheet
1Mb / 3P
LED lighting system for fuel canopies
701269-WLPY-MB ETC2-701269-WLPY-MB Datasheet
278Kb / 2P
Versatile LED lighting system
logo
International Rectifier
IRF135S203 IRF-IRF135S203 Datasheet
585Kb / 12P
Battery powered circuits
logo
Rohm
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
System PMIC for Battery Powered Systems
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
System PMIC for Battery Powered Systems
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com