Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPW5202 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LPW5202
Description  High-Side Load Switch with Over-Current Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPW5202 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

Back Button LPW5202 Datasheet HTML 2Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 3Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 4Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 5Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 6Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 7Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 8Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 9Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 10Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.lowpowersemi.com
Email: marketing@lowpowersemi.com
Page 6 of 14
LPW5202
LPW5202 Rev1.7 June-2022
Parameters
Symbol
Test conditions
Min
Typ
Max
Unit
Current limit
level
LPW5202Axxx
ILIM
Refer to Figure 14 and Equation (1)
A
LPW5202xxx21
VIN = 5V, VOUT = 4.5V, TA=25°C
2.10
2.30
2.50
LPW5202xxx15
VIN = 5V, VOUT = 4.5V, TA=25°C
1.4
1.6
1.8
LPW5202xxx11
VIN = 5V, VOUT = 4.5V, TA=25°C
1.20
1.35
1.50
LPW5202xxx06
VIN = 5V, VOUT = 4.5V, TA=25°C
0.55
0.65
0.75
Current limit level accuracy (3) (4)
(LPW5202Axxx)
ACCLIM
VIN = 5V, 500mA < ILIM < 2.5A
10
%
VIN = 5V, 200mA < ILIM < 500mA
15
Short circuit protection level (4)
ISHORT
VIN = 5V, TA=25°C
4.5
6.5
A
Output auto discharge
RDIS
VIN = 5V, VEN = 0V
90
110
130
Ω
Reverse voltage protection (3)
VRVP
VIN = 5V, VOUT - VIN level to trigger off
115
150
mV
Enable logic high voltage level
VIH
VIN = 2.4V to 6V
1.4
V
Enable logic high voltage level
VIL
VIN = 2.4V to 6V
0.4
V
Leakage current on EN pin
ILKG_EN
VEN = VIN = 5V
3.5
μA
Output logic low voltage level
VOL
VIN = 2.4V to 6V, IFLAGB = 10mA
0.1
V
Leakage on FLAGB pin
ILKG_FLAGB
VIN = 5V, VFLAGB = 5V
0.1
μA
FLAGB de-bounce time
tDEB_FLAGB
VIN = 5V, RFLAG_PU
= 10kΩ, TA = 25°C,
time from IOUT hits IOCP to VFLAGB = 0.1V
10
ms
OCP response time (3)
tOCP
VIN = 5V, TA = 25°C, time from IOUT hits
IOCP to IOUT stop rising
3
7
15
μs
Short circuit protection time (3)
tSHORT
VIN = 5V, TA = 25°C, time from IOUT hits
ISHORT to switch turned off
300
ns
Load switch turned on delay (3)
tDON
VIN = 5V, ROUT = 1
0Ω, COUT = 1μF,
time from enabled to VOUT = 0.5
500
μs
Output rising time (3)
tR
VIN = 5V, ROUT = 1
0Ω, COUT = 1μF,
time from VOUT = 0.1
×VIN to 0.9×VIN
600
μs
Load switch turned off delay (3)
tOFF
VIN = 5V, ROUT = 1
0Ω, COUT = 1μF,
time from disabled to VOUT = 0.9
×VIN
1.2
μs
Output discharge time (3)
tDIS
VIN = 5V, ROUT = 1
0Ω, COUT = 1μF,
time from VOUT = 0.9
×VIN to 0.1×VIN
25
μs
Thermal shutdown trigger
TSD
Temperature rising
150
°C
Thermal shutdown release
TSD_REL
Temperature falling
130
°C
Note 3. The parameter does not include the variation from external resistor on ISET.
Note 4. The parameter is guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com