Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S200 Datasheet(PDF) 8 Page - ABB

Part # S200
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

S200 Datasheet(HTML) 8 Page - ABB

Back Button S200 Datasheet HTML 4Page - ABB S200 Datasheet HTML 5Page - ABB S200 Datasheet HTML 6Page - ABB S200 Datasheet HTML 7Page - ABB S200 Datasheet HTML 8Page - ABB S200 Datasheet HTML 9Page - ABB S200 Datasheet HTML 10Page - ABB S200 Datasheet HTML 11Page - ABB S200 Datasheet HTML 12Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
8
System
pro M compact ®
Maximum permissible fault loop impedance Z
S at U0 = 230 V
to ensure compliance with the rupturing conditions prescribed in DIN VDE 0100 Part 410.
The internal resistance of MCB is included.
Note: Attention should be paid to the maximum voltage drop
Miniature circuit-breakers
S 200/S 200 M series
Internal resistance and power loss of the miniature circuit-breakers
Internal resistance per pole in m , power loss per pole in W
type
rated
device series
current
B, C, D ➀
➀
➀
➀
➀
KZ
In Am
Wm
Wm
W
S 200 and
0.5
5500
1.4
6340
1.6
10100
2.5
1
1440
1.4
1550
1.6
2270
2.3
S 200 M
1.6
630
1.6
695
1.8
1100
2.8
2
460
1.8
460
1.9
619
2.5
3
150
1.3
165
1.5
202
1.8
4
110
1.8
120
2.0
149
2.4
6
55
2.0
52
1.9
104
3.7
8
15
1.0
38
2.5
53.9
3.45
10
13.3
1.3
12.6
1.26
17.5
1.7
13
13.3
2.3
12.6
1. 26
–
–
16
7.0
1.8
7.7
2.0
10.9
2.8
20
6.25
2.5
6.7
2.7
6.0
2.4
25
5.0
3.2
4.6
2.9
4.1
2.6
32
3.6
3.7
3.5
3.6
2.8
2.9
40
3.0
4.8
2.8
4.5
2.5
4.1
50
1.3
3.25
1.25
2.9
1.8
4.4
63
1.2
4.8
0.7
5.2
1.3
5.2
➀
➀
➀
➀
➀ Current intensities 0.5 – 4 apply exclusively to C-type trip characteristics.
U0 = rated voltage against earthed conductor; for U0 = 240 V
: ZS · 1.04; for U0 = 127 V
ZS · 0.55
The max. permissible lenght of cable at different voltage and cross sections on request.
S 200 and S 200 M
Bemessungs-
BC
D
K
Z
strom In A
max. ZS
max. ZS
max. ZS
max. ZS
max. ZS
0,5
46.0
33.0
38.3
153.3
1
23.0
16.5
19.2
76.7
1.6
14.4
10.3
12.0
47.9
2
11.5
8.2
9.6
38.3
3
7.7
5.5
6.4
25.6
4
5.8
4.1
4.8
19.2
6
7.7
3.8
2.7
3.2
12.8
8
–
2.8
2.1
2.4
9.5
10
4.6
2.3
1.6
1.9
7.7
13
3.5
1.7
1.2
–
–
16
2.9
1.4
1.0
1.2
4.8
20
2.3
1.2
0.8
1.0
3.8
25
1.8
0.9
0.7
0.8
3.1
32
1.4
0.7
0.5
0.6
2.4
40
1.2
0.6
0.4
0.5
1.9
50
0.9
0.5
0.3
0.4
1.5
63
0.7
0.4
0.3
0.3
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com