Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F200 Datasheet(PDF) 21 Page - ABB

Part # F200
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

F200 Datasheet(HTML) 21 Page - ABB

Back Button F200 Datasheet HTML 17Page - ABB F200 Datasheet HTML 18Page - ABB F200 Datasheet HTML 19Page - ABB F200 Datasheet HTML 20Page - ABB F200 Datasheet HTML 21Page - ABB F200 Datasheet HTML 22Page - ABB F200 Datasheet HTML 23Page - ABB F200 Datasheet HTML 24Page - ABB F200 Datasheet HTML 25Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
21
System
pro M compact ®
Residual-current-operated circuit-breakers
F 200 series/FS 201
Technical data
F 200
F 200 R
F 204 S
FS 201
short time delayed selective
RCBO
specifications:
DIN VDE 0664 Part 11, EN 61008-2-1
DIN VDE 0664 Part 21
and EN 61009/IEC 61009
No. of poles:
2-pole
2-pole
2-pole
4-pole
4-pole
4-pole
4-pole
tripping characteristics:
–
B and C acc. to DIN VDE 0641 and EN 60898;
K acc. to DIN VDE 0660 and EN 60947
rated current I
n:
16, 25, 40, 63 A 25, 40, 63 A
25, 40, 63 A
40 A, 63 A
6 to 32 (40) A
rated residual current I
n:
10, 30, 300 30, 100
30 mA
300 mA
10 mA, 30 mA, 300 mA
and 500 mA and 300 mA
tripping range
at
0.50 ... 1.0 · I
n
at
0.11 ... 1.4 · I
n
tripping time
at 1 · I
n:
300 ms
300 ms 120 … 300 ms
150 ... 500 ms
300 ms
at 2 · I
n:
50 … 150 ms
60 ... 200 ms
at 5 · I
n:
40 ms
40 ms
40 ... 150 ms
40 ms
at 500 A:
20 … 40 ms
40 ... 150 ms
tripping time
at 1 · 1,4 I
n:
300 ms
300 ms
300 ms
300 ms
at 5 · 1,4 I
n:
40 ms
40 ms
50 ... 150 ms
40 ms
rated switching capacity:
–
–
6 kA,
ϕ 0,7
surge strength (impulse waveshape 8/20): 250 A
3000 A
5000 A
250 A
short-circuit withstand capacity:
10.000 A, in connection with an upstream 10.000 A, in connection
fuse gL 100 A or the STOTZ selective
with an upstream fuse
main circuit-breaker S 700-E 100 A
gL 100 A or the selective
main circuit-breaker
S 700-E 100 A
rated voltage U
n:
2-pole: 230 V ~ 4-pole: 230/400 V ~ 230/400 V ~
2-pole: 230 V ~
max. operating voltage U
Bmax:Un + 10 %
operative range of test equipment U
T:
100 V ~ to 264 V ~
100 V ~ to 264 V ~ 100 V ~ to 264 V ~
insulation coordination according to
DIN VDE 0110 Part 1 and 2
– overvoltage category:
III, disconnector abilities
– pollution degree:
2
– surge voltage U
imp (1,2/50):
4 kV
– power-frequency withstand voltage (50/60 Hz):
2.5 kV
frequency:
50/60 Hz
50/60 Hz
housing:
moulding grey
moulding grey
operating lever/test button:
blue
black/blue
degree of protection:
IP 20; in the distribution board IP 40;
in moulded-plastic casing IP 55 (see accessories)
dimensions:
see dimension drawings
connection cross section:
1 to 16 mm2 for finely-stranded to massive conductors
1 to 16 mm2
for I
n to 40 A, 1 to 25 mm
2 for I
n 63 A
service life:
> 5.000 switches
climatic resistance according to DIN IEC 68 Part 2-30:
damp heat: 28 cycl. 55/95 … 100 (°/RH)
(RH = rel. humidity)
damp heat, cyclic (55 °C/28 cycles)
alterning climate: 25/95 - 40/93 (°C/RH)
constant climate: 23/83, 40/93,
55/95 … 100 (°C/RH)
ambient temperature:
T
max. + 55 °C
T
min. – 25 °C
vibration resistance according to:
DIN VDE 0664 Part 1/10.85 and EN 61008
DIN VDE 0664 Part 2/10.85
and EN 61009
terminals:
bi-directional cylinder-lift terminal
trip-free mechanism:
yes
connection:
individually or collectively via a busbar
supplementary devices:
type S2C-S/HR s. pagee 17
in preparation
F 200
AC
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com