Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC563 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M54HC563
Description  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC563 INVERTING - HC573 NON INVERTING
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC563 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M54HC563 Datasheet HTML 2Page - STMicroelectronics M54HC563 Datasheet HTML 3Page - STMicroelectronics M54HC563 Datasheet HTML 4Page - STMicroelectronics M54HC563 Datasheet HTML 5Page - STMicroelectronics M54HC563 Datasheet HTML 6Page - STMicroelectronics M54HC563 Datasheet HTML 7Page - STMicroelectronics M54HC563 Datasheet HTML 8Page - STMicroelectronics M54HC563 Datasheet HTML 9Page - STMicroelectronics M54HC563 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
CL
(pF)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
2.0
50
25
60
75
90
ns
4.5
7
121518
6.0
6
101315
tPLH
tPHL
Propagation
Delay Time
(LE - Q, Q)
2.0
50
50
115
145
175
ns
4.5
15
23
29
35
6.0
13
20
25
30
2.0
150
60
155
195
235
ns
4.5
20
31
39
47
6.0
17
26
33
40
tPLH
tPHL
Propagation
Delay Time
(D - Q, Q)
2.0
50
42
110
140
165
ns
4.5
14
22
28
33
6.0
12
19
24
28
2.0
150
57
150
190
225
ns
4.5
19
30
38
45
6.0
16
26
32
38
tPZL
tPZH
3 State Output
Enable Time
2.0
50
RL =1 K
Ω
55
140
175
210
ns
4.5
17
28
35
42
6.0
14
24
30
36
2.0
150
RL =1 K
Ω
66
180
225
270
ns
4.5
22
36
45
54
6.0
19
31
38
46
tPLZ
tPHZ
3 State Output
Disable Time
2.0
50
RL =1 K
Ω
40
125
155
190
ns
4.5
17
25
31
38
6.0
15
21
26
32
tW(L)
tW(H)
Minimum Pulse
Width
2.0
50
40
75
95
110
ns
4.5
8
151922
6.0
7
131619
ts
Minimum Set-up
Time
2.0
50
16
50
65
75
ns
4.5
5
101315
6.0
3
9
11
13
th
Minimum Hold
Time
2.0
50
555
ns
4.5
5
5
5
6.0
5
5
5
CIN
Input Capacitance
5
10
10
10
pF
COUT
Output
Capacitance
10
pF
CPD (*)
Power Dissipation
Capacitance
for HC563
for HC573
49
51
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC/8 (per Gate)
The CPD when n pcs of FLIP-FLOP operate, can be gained by following equations:
for HC563 CPD (TOTAL) = 33 + 16 x n [pF]; for HC573 CPD (TOTAL) = 33 + 18 x n [pF]
M54/M74HC563/573
6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com