Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC540 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC540
Description  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC540: INVERTED - HC541 NON INVERTED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC540 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC540 Datasheet HTML 1Page - STMicroelectronics M74HC540 Datasheet HTML 2Page - STMicroelectronics M74HC540 Datasheet HTML 3Page - STMicroelectronics M74HC540 Datasheet HTML 4Page - STMicroelectronics M74HC540 Datasheet HTML 5Page - STMicroelectronics M74HC540 Datasheet HTML 6Page - STMicroelectronics M74HC540 Datasheet HTML 7Page - STMicroelectronics M74HC540 Datasheet HTML 8Page - STMicroelectronics M74HC540 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CHIP CARRIER
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION (HC540)
PIN No
SYMBOL
NAME AND FUNCTION
1, 19
1G, G2
Output Enable Inputs
2, 3, 4, 5,
6, 7, 8, 9
A1 to A8
Data Inputs
18, 17, 16,
15, 14, 13,
12, 11
Y1 to Y8
Bus Outputs
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
HC541
HC540
PIN DESCRIPTION (HC541)
PIN No
SYMBOL
NAME AND FUNCTION
1, 19
1G, G2
Output Enable Inputs
2, 3, 4, 5,
6, 7, 8, 9
A1 to A8
Data Inputs
18, 17, 16,
15, 14, 13,
12, 11
Y1 to Y8
Bus Outputs
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
M54/M74HC540/541
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com