Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF450 Datasheet(PDF) 6 Page - ABB

Part # TMF450
Description  Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

TMF450 Datasheet(HTML) 6 Page - ABB

Back Button TMF450 Datasheet HTML 2Page - ABB TMF450 Datasheet HTML 3Page - ABB TMF450 Datasheet HTML 4Page - ABB TMF450 Datasheet HTML 5Page - ABB TMF450 Datasheet HTML 6Page - ABB TMF450 Datasheet HTML 7Page - ABB TMF450 Datasheet HTML 8Page - ABB TMF450 Datasheet HTML 9Page - ABB TMF450 Datasheet HTML 10Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
3
www.abb.com/lowvoltage
email info@gb.abb.com
Telephone 02476 368500
Facsimile 02476 368401
3/6
OS20FP
OS63FP
Switching - Switch Fuses
IP65 Steel Enclosure
3 - 4 pole
20 ... 630A
•
IP65 rated (not suitable for external installation)
•
Poweder coated textured finish (RAL 7035)
•
All switches supplied with fuses
•
All 3 pole switches include detachable neutral link (OT160 solid link)
•
Hinged lid complete with 2 fastening screws (removable)
•
Padlockable pistol grip handle as standard
•
Removable gland plates fitted top and bottom (see below for knockout configurations)
•
Switches internally are rated IP20 on incoming terminals up to 63A
•
Switches 100A and above have a shroud fiited to the incoming terminals to increase protection when
the door is open
•Spreader Boxes available see page 3/10
•2 gland plates included one blank (bottom), one configured as below (top)
Rating @ 415v
Cable Cross
Dimensions
Spreader
Number
[lth A] [AC21] [AC22] [AC23] Section mm2
H
W
D
Box
of Poles
Order Code
Price £
20
7.5
11
15
0.75 .. 10
300 240 120
SB1G
3+detach neutral OS20TPN
102.34
4
OS20FP
114.81
32
15
18
25
0.75 .. 10
300 240 120
SB1G
3+detach neutral OS32TPN
134.13
4
OS32FP
143.64
63
30
37
55
2.5 .. 25
400 300 160
SB2G
3+detach neutral OS63TPN
226.78
4
OS63FP
240.29
100
55
55
90
Bolt M6x20
400 300 160
SB2G
3+detach neutral OS100TPN
384.24
4
OS100FP
440.85
125
55
75
110
Bolt M6x20
400 300 160
SB2G
3+detach neutral OS125TPN
415.55
4
OS125FP
460.46
160
75
90
132
Bolt M6x20
500 360 160
SB2G
3+solid neutral
OS160TPN
445.78
4
OS160FP
526.78
200
110
132
200
Bolt M8x25
600 400 260
SB3G
3+detach neutral OS200TPN
562.25
4
OS200FP
659.21
315
160
220
220
Bolt M10x30
600 400 260
SB3G
3+detach neutral OS315TPN
669.39
4
OS315FP
800.53
400
220
280
400
Bolt M10x30
600 400 260
SB3G
3+detach neutral OS400TPN
1065.54
4
OS400FP
1179.90
630
355
450
560
Bolt M12x40
800 600 300
SB4G
3+detach neutral OS630TPN
1565.60
4
OS630FP
1770.06
Knockout Configuration:
(One supplied blank, one supplied as below)
20 - 32A
2 x 20mm
1 x 25mm (centre)
63 - 100 - 125A
1 x 25m
1 x 32mm
1 x 40mm (centre)
160 - 630A
Blank gland plates
“New enclosure
dimensions
to improve
termination
of cables”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com