Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF500 Datasheet(PDF) 2 Page - ABB

Part # TMF500
Description  Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

TMF500 Datasheet(HTML) 2 Page - ABB

  TMF500 Datasheet HTML 1Page - ABB TMF500 Datasheet HTML 2Page - ABB TMF500 Datasheet HTML 3Page - ABB TMF500 Datasheet HTML 4Page - ABB TMF500 Datasheet HTML 5Page - ABB TMF500 Datasheet HTML 6Page - ABB TMF500 Datasheet HTML 7Page - ABB TMF500 Datasheet HTML 8Page - ABB TMF500 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.abb.com/lowvoltage
email info@gb.abb.com
Telephone 02476 368500
Facsimile 02476 368401
3/2
3
•
IP65 three and four-pole switch disconnectors suitable for
load break switching or isolation.
•
Polycarbonate enclosure. IEC 60947-3
Polycarbonate Enclosure 9kW ... 11kW 3 pole
Rating@415v
kW
Dimensions
Number
[Ith A]
[AC22] [AC23]
H
W
D
of Poles
Order Code
Price £
32
25
9
125
100
107
3
S37K5N
20.05
40
40
11
125
100
107
3
S315KN
26.34
Polycarbonate Enclosure 9kW ... 37kW 4 pole
Rating@415v
kW
Dimensions
Number
[Ith A]
[AC22] [AC23]
H
W
D
of Poles
Order Code
Price £
32
25
9
125
100
107
4
S47K5N
20.05
40
40
11
125
100
107
4
S415KN
26.34
63
63
22
170
140
108
4
S418KN
46.64
80
80
37
170
140
108
4
S426KN
65.72
Auxiliary Contacts
Auxiliary contacts
n.o.
n.c.
Order Code
Price £
10
1
-
OA1G10
4.98
10
-
1
OA1G01
4.98
10
1
1
OA2G11
6.81
Note: A maximum of two auxiliary contact blocks can be fitted to each switch
S37K5N
Switching - Loadbreak Switches
IP65 Polycarbonate Enclosure
“Now fitted
with the
‘OT’
load break
switch
giving
greater
ratings
and
performance”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com