Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # ATM
Description  Averaging Temperature Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

ATM Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  ATM Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. ATM Datasheet HTML 2Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ATM Averaging temperature sensor
TG-LD272-4E
2
DIMENSION
ELEMENT ARRANGEMENT
(mm)
H1
H2
H3
H4
H5
H6
H7
H8
H9
H10
H11
H12
H13
H14
H15
H16
450
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
13000
14000
15000
450
2000
4000
6000
8000
10000
12000
14000
16000
18000
20000
22000
24000
26000
28000
—
450
3000
6000
9000
12000
15000
18000
21000
24000
27000
—
—
—
—
—
—
2m Interval
ATM–2
□□□
1m Interval
ATM–1
□□□
3m Interval
ATM–3
□□□
NUMBER OF ELEMENTS
Number of elements are determined from the maximum liquid level
and element intervals as shown in the following table.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
0 to 1999
2000 to 2999
3000 to 3999
4000 to 4999
5000 to 5999
6000 to 6999
7000 to 7999
8000 to 8999
9000 to 9999
10000 to 10999
11000 to 11999
12000 to 12999
13000 to 13999
14000 to 14999
15000 to 15999
16000 to 16999
0 to 2999
3000 to 4999
5000 to 6999
7000 to 8999
9000 to 10999
11000 to 12999
13000 to 14999
15000 to 16999
17000 to 18999
19000 to 20999
21000 to 22999
23000 to 24999
25000 to 26999
27000 to 28999
29000 to 30999
—
0 to 3999
4000 to 6999
7000 to 9999
10000 to 12999
13000 to 15999
16000 to 18999
19000 to 21999
22000 to 24999
25000 to 27999
28000 to 30999
—
—
—
—
—
—
1m Interval
ATM–1
□□□
Max. Liquid level
2m Interval
ATM–2
□□□
3m Interval
ATM–3
□□□
No. of
element
ASSOCIATED TRANSMITTERS AND RECEIVERS
ATM Averaging temperature sensors are connectable to the following
TOKYO KEISO's instruments for further transmission and indication.
(1) FW-9000, FW-9000N, FW9000NN super intelligent tank gauge.
(2) DM4N Intelligent tank data transmitter.
ORDERING INFORMATION
Please specify the following for order / inquiry :
1)
Model code
2)
Total length from tank nozzle to tank bottom. (A or L length in
sketch)
3)
External diameter of connection cable if the cable glands are
required to supply by TOKYO KEISO.
4)
Other special requirements, if any.
Head Office : Shiba Toho Building, 1 – 7 – 24 Shibakoen, Minato-ku, Tokyo 105 – 8558
Tel : +81-3 – 3431 – 1625 (KEY) ; Fax : +81-3 – 3433 – 4922
e-mail : overseas.sales@tokyokeiso.co.jp ; URL : http://www.tokyokeiso.co.jp
* Specification is subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com