Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # ATS
Description  Multi-points and averaging temperature sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

ATS Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  ATS Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. ATS Datasheet HTML 2Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Multi-points and averaging
temperature sensor
ATS
GENERAL
ATS is an averaging temperature sensor installed from the top of liq-
uid bulk storage tank towards the bottom vertically. ATS consists of
multiple numbers of temperature detectors having same resistance
characteristics located in fixed intervals along sensor probe. Con-
nected to the TOKYO KEISO's digital tank data transmitters, the ATS
temperature sensors determine the average temperature of the sub-
merged temperature elements and indicates individual temperature
including temperature profile and gas phase temperature.
STANDARD SPECIFICATION
Element standard
: Pt (JIS C1604-1997)
On request
:JPt, Cu
Element class
:
Standard
; Class B
(ATS-
□□□□-□B-□□□□□)
Fine
; Class A
(ATS-
□□□□-□A-□□□□□)
Rating current
: 2mA
Measuring range
: 0 to 100°C
No. of elements
: Max. 16
Measuring length
: Max.30000mm
Element interval
: Standard sensor intervals : 1m, 2m, 3m
Consult TOKYO KEISO for other intervals
including uneven distribution.
Operating pressure
: Atmospheric pressure
Connection
: Flange
Flange size
: 40mm, 50mm, 80mm, 100mm or others
Rating
: JIS10K RF, ANSI Class 150, JPI Class 150
or others
Enclosure
: Flameproof construction
Exd ll B T4 (TllS)
Exd ll B T6 (LCIE)
Exd ll B T4 (KOSHA)
Intrinsic safety
Ex ia II B T4
(Corresponding to the combination with
RTG 3900 only)
Element number: 6 elements (Max.)
Cable entry
: G3/4 or others (with adapters)
Cable termination
: M3.5 screw terminal
Painting color
: Terminal box: Silver (Standard)
Stainless steel part: Not painted
Material
:
1
s
s
a
l
c
l
a
i
r
e
t
a
M
ATS-
□□□1
2
s
s
a
l
c
l
a
i
r
e
t
a
M
ATS-
□□□2
e
b
u
t
.
x
e
l
F
SUS316L
L
6
1
3
S
U
S
e
g
n
a
l
F4
0
3
S
U
S6
1
3
S
U
S
x
o
b
l
a
n
i
m
r
e
T
ADC12
t
h
g
i
e
w
r
o
h
c
n
A4
0
3
S
U
S6
1
3
S
U
S
Mass
:
Measuring length (m)
Mass (kg)
7
12
10
14
15
18
20
22
25
26
30
30
MODEL CODE
Model code
ATS–
––
Element
interval
1m
2m
3m
Special
"01"(1 element) to "16"(16 elements)
Material class 1
Material class 2
Special
Water tight
Flameproof construction (TIIS)
Flameproof construction (LCIE)
Flameproof construction (KOSHA)
Intrinsic safety
JPt (JIS)
Pt (JIS)
Class A (Fine)
Class B (Standard)
40mm (11/2")
50m (2")
80m (3")
100m (4")
Others
JIS10K RF
ANSI Class 150
JPI Class 150
Others
Not provided
Provided
Not provided
Provided
1
2
3
9
1
2
9
J
P
A
B
1
2
3
4
9
0
1
0
1
1
2
3
9
W
E1
E2
E3
S
No. of elements
Element class
Standard element
Enclosure
Process flange size
Process flange rating
Flameproof cable gland
Anchor weight
Material class
Description
*2
*3
*4
*1
* 1: Consult TOKYO KEISO for other kinds of materials.
* 2: with adapters
* 3: It is required to use specific Flameproof cable gland.
* 4: Specify cable Outside diameter.
TG-LD271-4E
Oct 2017
May 1990
5th edition
1st edition
K


Similar Part No. - ATS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATS IRF-ATS Datasheet
145Kb / 10P
HIGH RELIABILITY DC/DC CONVERTER
logo
C&K Components
ATS CK-COMPONENTS-ATS Datasheet
531Kb / 2P
Normally closed function
ATS CK-COMPONENTS-ATS Datasheet
280Kb / 3P
Anti-Tampering Detect Switches
3 Sep 20
logo
YAGEO Corporation
ATS YAGEO-ATS Datasheet
425Kb / 7P
Transient Voltage Suppressors (TVS)
Jul. 05, 2023 V.3
logo
LUMEL S.A.
ATS LUMEL-ATS Datasheet
528Kb / 2P
Adapter ats
More results

Similar Description - ATS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM94021 NSC-LM94021 Datasheet
680Kb / 13P
Multi-Gain Analog Temperature Sensor
logo
Texas Instruments
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
Multi-Gain Analog Temperature Sensor
logo
STMicroelectronics
UM1539 STMICROELECTRONICS-UM1539 Datasheet
5Mb / 46P
STEVAL-IFS017V1 multi device temperature sensor and RTC demo
16-Nov-2012
logo
TT Electronics.
DS2101 TTELEC-DS2101 Datasheet
477Kb / 2P
Averaging Multi Resistance Thermometer (MRT)
DS2530 TTELEC-DS2530 Datasheet
674Kb / 2P
Temperature Duct Averaging Sensor
logo
Pepperl+Fuchs Inc.
OQT150-R101-2EP-IO PF-OQT150-R101-2EP-IO Datasheet
598Kb / 5P
Measuring sensor with multiple switch points
OQT150-R101-2EP-IO-IR PF-OQT150-R101-2EP-IO-IR Datasheet
628Kb / 5P
Measuring sensor with multiple switch points
OQT150-R101-2EP-IO-V31-IR PF-OQT150-R101-2EP-IO-V31-IR Datasheet
657Kb / 5P
Measuring sensor with multiple switch points
OQT350-R200-2EP-IO-L PF-OQT350-R200-2EP-IO-L Datasheet
615Kb / 5P
Measuring sensor with multiple switch points
OQT120-R103-2EP-IO PF-OQT120-R103-2EP-IO Datasheet
563Kb / 5P
Measuring sensor with multiple switch points
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com