Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFW2000 Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # CFW2000
Description  Flowmeter for air conditioner ONE-TOUCH FLOW
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

CFW2000 Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  CFW2000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TG-F2557-E00
CFW2000 Series PORTABLE AND DETACHABLE
2
TOKYO KEISO CO., LTD.
MODEL CODE
STANDARD SCALE RANGE
●The example of PVC lining pipe or non-standard
pipes
[example 2] Code number of CFIW2222 indicator with
scale range for 50 mm of PVC lining pipe has
[CFIW2222-5000-10-B/PL] and likewise with scale
range for 50mm of non-standard pipes has
[CFIW2222-5000-10-B/Z].
It has one graduation (for one size of pipe) as shown
at the right drawing.
CFIW2
□ 2 □ -□□□□ -□0 -B /□□□
Description
2
Horizontal
Installation
type
4
Vertical
Indicator
calibration
2
7°C and 60°C water, double scale
1
Scale range 1 See right table
Scale range
2
Scale range 2 See right table
-1000
-2000
-3000
-4000
-5000
-6000
-7000
-8000
-9000
-A000
*1 PVC lining
type is
available only
for the size 32
mm to 150
mm with 1
MPa class.
-B000
-C000
-D000
-E000
-F000
Note 1
Main pipe size and
combination of 4
measuring pipe sizes
-G000
-10
1 MPa class
Pressure rating
-20
2 MPa class
Version
-B
Version code
/DEG
Degreasing treatment
Option
/PL
For the PVC lining pipe
blank
欄
Not provided
Additional function
/Z Provided
CFNW
□□□
-□
-B
Description
020
20 mm
025
25 mm
032
32 mm
040
40 mm
050
50 mm
065
65 mm
080
80 mm
100
100 mm
125
125 mm
150
150 mm
*1 PVC lining type is
available only for the
size 32 mm to 150 mm.
200
200 mm
250
250 mm
300
300 mm
350
350 mm
400
400 mm
Main
pipe size
450
450 mm
Pressure rating
-2
Pressure rating code
Version
-B
Version code
/CFT
Three-way socket for 20 to 32 mm
Applied to only Indicator CFIW 1MPa class
/CFS
Socket of welding for 40 mm or larger
pipes
/DEG
Degreasing treatment
/COV
Dew prevention cover
/BC6
Material of fitting is CAC406
Option
/PL
For PVC lining pipe
blank Not provided
Additional function
/Z
Provided
●The example of standard specification
[example 1] Code number of CFIW2221 indicator with
Scale range 1 for 25, 50, 200, 300mm sizes has
[CFIW2221-25BD-□ 0-B].
Scales can be chosen. The graduation example is
shown in right drawing.
One piece of CFIW indicator is
able to have 4 different scale
ranges. But for the cases of
PVC lining pipe (option code:
/PL) and pipe with
non-standard inside diameter,
one indicator has one scale
range.
50A
COLDHO
T
300
0
3 0
25A
COLDHO
T
150
0
5 A
COLDH
OT
500
5
1 0
0
5 0
Inside diameter of pipe mm
Size
Scale range L/min
mm
inch
Scale range 1
*2
Scale range 2
*1, *2
1 MPa
class
*3, *5
2 MPa
class
*4, *5
PVC lining
pipe *1
20
3/4
12 to 100
[8 to 75]
10 to 60
[6 to 45]
(26)
(21.4)
25
1
18 to 150
[13 to 120]
15 to 100
[10 to 75]
(34)
(27.2)
25 to 180
32
11/4
35 to 280
[25 to 220]
[20 to 140]
(43)
(35.5)
29.5
40
11/2
35 to 300
30 to 180
41.6
41.2
34.7
50
2
60 to 500
50 to 300
52.9
52.7
46.2
65
21/2 100 to 800
80 to 500
67.9
65.9
59.7
80
3
150 to 1200
120 to 700
80.7
78.1
70.9
100
4
250 to 2000
200 to 1200
105.3
102.3
95.2
125
5
400 to 3000
300 to 2000
130.8
126.6
119.7
150
6
600 to 4500
400 to 2800
155.2
151.0
142.0
200
8
1000 to 8000
700 to 4800
204.7
199.9
250
10 1500 to 12000
1200 to 7500
254.2
248.8
300
12 2000 to 17000
1600 to 10000
304.7
297.9
350
14 2500 to 22000
2000 to 13000
339.8
333.4
400
16 3500 to 28000
2800 to 17000
390.6
381.0
450
18 4500 to 35000
3500 to 22000
441.4
428.6
*1 PVC lining type is available for the size 32 mm to 150 mm as marked gray.
Its scale range is shown in the column Scale range 2 as marked gray.
Full-scale flow rates for the PVC lining pipe are calculated based on the
inner diameter of ESLON® ESLOCOAT LX tee fittings (Sekisui Chemical
Co., Ltd). The maximum rating is 1 MPa. If you use other fittings, additional
calibration is needed. Please check “D” and “L” in the figure at the end of
this document and the kind of pipe, and then contact us.
*2 Scale ranges of 20, 25, 32 mm size for 2 MPa class are shown in the
brackets in above table.
*3 The inside diameter of main pipe of 20 to 32mm in 1MPa class is based on
the three-way socket (JIS B 2301).(The three-way socket shall be attached
upon request.)
*4 The inside diameter of main pipe of 20 to 32mm in 2 MPa class is based on
three-way socket (Sch 40). The three-way socket is supplied by customer.
*5 The inside diameter of main pipe more than 40mm in 1 MPa class is based
on SGP (JIS G3452) Carbon steel pipe for piping, and the inside diameter in
2 MPa class is based on the carbon steel pipe for STPG (JIS G 3454 Sch
40) for pressure piping.
Scale 4
Scale 1
Scale 2
Scale 3
This can be
rotated freely
Sight glass
Tapered tube
● CFIW Indicator
The CFW2000 “ONE-TOUCH FLOW” is composed of :
- A CFIW indicator
- A CFNW fixing nozzle
- A three-way socket (for main pipe size 20 to 32 mm) or a socket for
welding piping (for main pipe size 40 mm or larger)
Scale for 20 mm
Scale for 25 mm
Scale for 32 mm
Scale for 40 mm
Scale for 50 mm
Scale for 65 mm
Scale for 80 mm
Scale for 100 mm
Scale for 125 mm
Scale for 150 mm
Scale for 200 mm
Scale for 250 mm
Scale for 300 mm
Scale for 350 mm
Scale for 400 mm
Scale for 450 mm
● CFNW Fixing nozzle
/□□□
Note1
Example ① The combination of 4 measuring pipes:
The combined code of 4 measuring pipes for 25, 50, 200, 300 mm is “-25BD”.
The whole model code becomes “CFIW2□2□-25BD-□0-B
”.
Example ② The combination of 3 measuring pipes or less:
The combined code of 3 measuring pipes for 100, 125, 150 mm is “-89A0”.
The whole model code becomes “CFIW2□2□-89A0-□0-B
”.
CFIW2□2□
STANDARD SCALE RANGE TABLE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com