Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIR110NN Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # DIR110NN
Description  TANK SIDE INDICATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

DIR110NN Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  DIR110NN Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. DIR110NN Datasheet HTML 2Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
・ ADDITIONAL FUNCTION
: Relay output(prepared in DIR111NN□ )
  Relay contact output, up to 6 points, is prepared. These
contacts are used for control of tank peripheral instrument,
such as valves, remotely from control room through
communication line via FW9000NN.
・ OUTPUT Number of contact : up to 6
                                (if 2 contacts in FW9000NN
are used, 4 contacts are
allowed to use in DIR111NN)
Contact
: SPDT(1a1b)
            Capacity
: 250 V AC/3A, 30 V DC/3A
(resistive load)
・ INPUT
Number of contact : up to 6
Contact type
: semiconductor type/
mechanical type
            Semiconductor type : ON resistance ; less than 500Ω
                                ON voltage ; less than 1.5 V
                                  ON current ; approx.5 mA
                                  OFF resistance ; > 100 kΩ
           
OFF voltage ; less than 12 V
Mechanical type
: rating 30 V DC/10 mA
・ CONSTRUCTION
Flame proof construction
: ExdIICT6
                                    (TIIS certification TC14584)
 
・ POWER SUPPLY
: 100–240 V AC, 50/60Hz
・ CABLE ENTRY
: Max.4 pieces Nominal dia.1/2
to 1 inch
At least 1/2 inch entry is At
least 1/2 inch entry is
necessarily assigned at one
place
                                    G (=PF) or NPT (=F)
・ CABLE TERMINATION
: Plug type terminal connection
                             
(terminal No. to be referred to
                                      Approval drawing)
・ POWER CONSUMPTION
: 20 VA
・ AMBIENT TEMPERATURE : –40 to +60 degC (–20 to +55
degC: TIIS)
・ INSTALLATION
: On to 2 inches pipe
・ HOUSING MATERIAL
: Aluminum casting (AC2A)
・ MASS
: 10 kg
■ GENERAL
DIR110NN is a tank side indicator for tank gauges.
Connected to Tokyo Keiso's tank top servo operated tank gauge
FW9000NN series, DIR110NN indicates liquid level, temperature
and other operation status. Required data for tank related are
displayed on it at the tank side, resulting in easier tank control and
management with time saving.
In addition to indicating functions, maximum 6 points relay output
are prepared. This function makes easier connection to higher
level computer and/or peripheral equipments.
By accessing magnet sensors, shown as arrows on the indicator,
various data are pre-settable for operating FW9000NN.
■ STANDARD SPECIFICATION
●
CONNECTABLE TRANSMITTER
: Servo operated tank gauge
FW9000NN series made by Tokyo Keiso Co.,
Ltd. which has standard serial datacoded
output.
DIR110NN
TANK SIDE INDICATOR
�
Indication part
Arrow
LCD
�
Details of LCD presentation
123 4 5 . 6 mm
123123 4 5
Level indication part (7 digits)
Status indication (3 digits)
(Error motor control sate
of displacer)
Data indication (5 digits)
(Temperature etc.)
・Operation mode
00000 5 0 mm
H
0030 0
Data indication (7 digits)
・Parameter mode
Register indication
(hold, input, adjustment)
Code indication (5 digits)
(hold, input, adjusted data)
TG-L1026-0E
Feb.2015
First edition
K


Similar Part No. - DIR110NN

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
DIGITAL AUDIO INTERFACE RECEIVER
DIR1700E BURR-BROWN-DIR1700E Datasheet
87Kb / 3P
DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
DIGITAL AUDIO INTERFACE RECEIVER
DIR1701E BURR-BROWN-DIR1701E Datasheet
290Kb / 19P
DIGITAL AUDIO INTERFACE RECEIVER
DIR1701E2K BURR-BROWN-DIR1701E2K Datasheet
290Kb / 19P
DIGITAL AUDIO INTERFACE RECEIVER
More results

Similar Description - DIR110NN

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0003 RFMD-AN0003 Datasheet
34Kb / 4P
A Quick Guide to Tank Circuits
logo
List of Unclassifed Man...
TAT400 ETC2-TAT400 Datasheet
309Kb / 1P
Tank Immersion Heaters General Purpose Tank or Reservoir Water
logo
Ralston Instruments.
NPAK-0001 RALSTON-NPAK-0001 Datasheet
206Kb / 1P
NPAK Tank valve block, aluminum
NPAK-0030 RALSTON-NPAK-0030 Datasheet
206Kb / 1P
NPAK tank clamps, bracket and attachment bolts
NPAK-0050 RALSTON-NPAK-0050 Datasheet
206Kb / 1P
NPAK tube connecting tank fill valve to "tank pressure" gauge
logo
Cynergy3 Co
ILLS CYNERGY3-ILLS Datasheet
88Kb / 2P
Submersible Tank Gauging Level Transmitter
ILLSU CYNERGY3-ILLSU Datasheet
91Kb / 2P
Submersible Tank Gauging Level Transmitter
logo
Pentair plc. All rights...
9100 PENTAIR-9100 Datasheet
306Kb / 2P
LIGHT COMMERCIAL/RESIDENTIAL TWIN TANK VALVE
9500 PENTAIR-9500 Datasheet
262Kb / 2P
1-1/2 INCH TWIN TANK CONTROL VALVE
logo
Ultralife Corporation.
UB0032 ULTRALIFE-UB0032 Datasheet
474Kb / 2P
Javelin Medium Anti-Tank CLU
Rev: D
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com