Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP-LED4PRO Datasheet(PDF) 1 Page - YORKVILLE

Part # LP-LED4PRO
Description  HIGH OUTPUT 4-HEAD LED LIGHTING SYSTEM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

LP-LED4PRO Datasheet(HTML) 1 Page - YORKVILLE

  LP-LED4PRO Datasheet HTML 1Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
System Type
LED Lighting System
Powered or Passive
Powered
Power Consumption LEDs
60 watts per LED
(4 LEDs, 240 watts per pod)
Power Consumption
540VA, 4.5A @ 120VAC Nominal
Stand Mount Size
1 3/8-inch Round
Pole Through Design
Manual Controls
Master Brightness
Lamp Colours
Effect Modes
Colour Chase / Colour Fade /
Audio Chase / Bluetooth
Bluetooth Control App
IOS & Android
DMX
Shielded 3-pin XLR Cable
Sound Active Mode
Integrated Microphone
Audio Input
Line Level or Speaker Level
Dimensions (LWH inches)
32.4 x 5 x 9.5
Dimenstions (LWH cm)
82.3 x 12.75 x 24
Weight
20.8 lbs (9.4 kg)
Box Dimensions (LxWxH, inches)
36 x 10 x 8
Box Dimensions (LxWxH, cm)
91 x 25 x 20
Specifications subject to change without notice
Overview
The LP-LED4PRO is Yorkville Sound’s most powerful lighting module. It
combines high output, flexible control, and touring-grade durability for
vibrant stage shows.
The LP-LED4PRO features eight “Sound Active” modes that react to your
music using the 1/4” input or onboard microphone, and fifteen Fade or
Chase effects provide dynamic, kinetic light shows.
The chassis has a convenient handle on each side, and a pole adapter
runs through the body for mounting under a loudspeaker or stacking.
Multiple units can be linked and controlled by the Yorkville proprietary
communication protocol, DMX, or the free app for iOS, iPad, and Android
over a Bluetooth® connection. Standalone operation is also available,
with 31 preset colours and intuitive onboard controls.
Lightweight, powerful, and simple to use, the LP-LED4PRO is ideal for
performers and DJs who need a high output, portable solution to light up
larger venues.
LP-LED4Pro
HIGH OUTPUT 4-HEAD LED LIGHTING SYSTEM
yorkville.com
The iOS and Android App, via
Bluetooth, controls up to 4
individual LP-LED4X and
LP-LED2X fixtures.
Available for
FREE DOWNLOAD
Type: yorkville LP-control
LP-LED4Pro
Features
l
4 Pods with 4x 60-Watt LEDs each: Red, White, Green,
Blue, Cyan, Amber, and Two Lime Dies
l
Standalone Mode with 31 Preset Colours
l
8 Sound Active Modes with 1/4” Line / Speaker Input
and Integrated Microphone
l
15 Fade or Chase Effects
l
Master Brightness Control
l
External Control by Yorkville Proprietary Communication
Protocol, Integrated DMX I/O, or Mobile App over Bluetooth®
l
Integrated Pole-Through Mount Adapter
l
Made in Canada


Similar Part No. - LP-LED4PRO

ManufacturerPart #DatasheetDescription
logo
YORKVILLE
LP-LED4X YORKVILLE-LP-LED4X Datasheet
1Mb / 1P
4 HEAD LED LIGHTING SYSTEM
More results

Similar Description - LP-LED4PRO

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLSO-TR46000-M2X2 P-TEC-PLSO-TR46000-M2X2 Datasheet
434Kb / 1P
SOLID-STATE LED LIGHTING SYSTEM
logo
List of Unclassifed Man...
701940-2WC31 ETC2-701940-2WC31 Datasheet
834Kb / 2P
LED lighting system for multi-deck merchandisers
701906-3WC4X ETC2-701906-3WC4X Datasheet
701Kb / 2P
LED lighting system for cooler doors
701948-5WSWT2 ETC2-701948-5WSWT2 Datasheet
1Mb / 3P
LED lighting system for fuel canopies
701948-5WCWT3 ETC2-701948-5WCWT3 Datasheet
1Mb / 3P
LED lighting system for fuel canopies
701269-WLPY-MB ETC2-701269-WLPY-MB Datasheet
278Kb / 2P
Versatile LED lighting system
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
LED Lighting
logo
Leadtrend Technology
LD6801 LEADTREND-LD6801 Datasheet
894Kb / 11P
LED Lighting Output Current Ripple Suppressor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com