Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC593 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M54HC593
Description  8 BIT BINARY COUNTER WITH INPUT REGISTER 3-STATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC593 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M54HC593 Datasheet HTML 2Page - STMicroelectronics M54HC593 Datasheet HTML 3Page - STMicroelectronics M54HC593 Datasheet HTML 4Page - STMicroelectronics M54HC593 Datasheet HTML 5Page - STMicroelectronics M54HC593 Datasheet HTML 6Page - STMicroelectronics M54HC593 Datasheet HTML 7Page - STMicroelectronics M54HC593 Datasheet HTML 8Page - STMicroelectronics M54HC593 Datasheet HTML 9Page - STMicroelectronics M54HC593 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AC ELECTRICAL CHARACTERISTICS (Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
CL
(pF)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time (RCO)
2.0
50
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tTLH
tTHL
Output Transition
Time (Qn)
2.0
50
20
60
75
90
ns
4.5
7
121518
6.0
6
101315
tPLH
tPHL
Propagation
Delay Time
(CCK - Qn)
2.0
50
108
210
265
315
ns
4.5
27
42
53
63
6.0
23
36
45
54
2.0
150
124
240
300
360
ns
4.5
31
48
60
72
6.0
26
41
51
61
tPLH
tPHL
Propagation
Delay Time
(CLOAD - Qn)
2.0
50
108
210
265
315
ns
4.5
27
42
53
63
6.0
23
36
45
54
2.0
150
124
240
300
360
ns
4.5
31
48
60
72
6.0
26
41
51
61
tPHL
Propagation
Delay Time
(CCLR - Qn)
2.0
50
112
220
275
330
ns
4.5
28
44
55
66
6.0
24
37
47
56
2.0
150
128
250
315
375
ns
4.5
32
50
63
75
6.0
27
43
54
64
tPLH
tPHL
Propagation
Delay Time
(CCK - RCO)
2.0
50
144
250
315
375
ns
4.5
36
50
63
75
6.0
31
10
54
64
tPLH
tPHL
Propagation
Delay Time
(CLOAD - RCO)
2.0
50
152
295
370
445
ns
4.5
38
59
74
89
6.0
32
50
63
76
tPLH
tPHL
Propagation
Delay Time
(CCLR - RCO)
2.0
50
116
225
280
340
ns
4.5
29
45
56
68
6.0
25
38
48
58
tPLH
tPHL
Propagation
Delay Time
(RCK - RCO)
2.0
50
188
360
450
540
ns
4.5
47
72
90
108
6.0
40
61
77
93
tPZL
tPZH
3 State Output
Enable Time
2.0
50
RL =1 K
Ω
72
145
180
220
ns
4.5
18
29
36
44
6.0
15
25
31
38
2.0
150
RL =1 K
Ω
88
175
220
265
ns
4.5
22
35
44
53
6.0
19
30
37
45
M54/M74HC593
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com