Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B57863 Datasheet(PDF) 2 Page - EPCOS

Part # B57863
Description  temperature measurement
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57863 Datasheet(HTML) 2 Page - EPCOS

  B57863_06 Datasheet HTML 1Page - EPCOS B57863_06 Datasheet HTML 2Page - EPCOS B57863_06 Datasheet HTML 3Page - EPCOS B57863_06 Datasheet HTML 4Page - EPCOS B57863_06 Datasheet HTML 5Page - EPCOS B57863_06 Datasheet HTML 6Page - EPCOS B57863_06 Datasheet HTML 7Page - EPCOS B57863_06 Datasheet HTML 8Page - EPCOS B57863_06 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Applications
Heating systems
Industrial electronics
Automotive electronics
Features
Uni curve sensor
Fast response
High temperature accuracy
between 0
°C and 70 °C
Excellent long-term stability
Epoxy resin encapsulation
PTFE-insulated leads of silver-plated
nickel wire, AWG 30
UL approval (E69802)
Delivery mode
Bulk
Dimensional drawing
Dimensions in mm
Approx. weight 60 mg
General technical data
Climatic category
(IEC 60068-1)
55/155/56
Max. power
(at 25
°C)
P25
60
mW
Temperature tolerance
(0 ... 70
°C)
∆T
±0.2, ±0.5
K
Rated temperature
TR
25
°C
Dissipation factor
(in air)
δ
th
approx. 1.5
mW/K
Thermal cooling time constant
(in air)
τ
c
approx. 15
s
Heat capacity
Cth
approx. 22.5
mJ/K
Electrical specification and ordering codes
R25
Ω
No. of R/T
characteristic
B25/100
K
Ordering code
+ =
Temperature tolerance
F =
±0.2 K
G =
±0.5 K
3 k
8016
3988
B57863S0302+040
5 k
8016
3988
B57863S0502+040
10 k
8016
3988
B57863S0103+040
30 k
8018
3964
B57863S0303+040
Temperature measurement
B57863
Miniature sensors with bendable wires
S863
Page 2 of 16
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com