Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09KE Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM32WB09KE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09KE Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM32WB09KE Datasheet HTML 32Page - STMicroelectronics STM32WB09KE Datasheet HTML 33Page - STMicroelectronics STM32WB09KE Datasheet HTML 34Page - STMicroelectronics STM32WB09KE Datasheet HTML 35Page - STMicroelectronics STM32WB09KE Datasheet HTML 36Page - STMicroelectronics STM32WB09KE Datasheet HTML 37Page - STMicroelectronics STM32WB09KE Datasheet HTML 38Page - STMicroelectronics STM32WB09KE Datasheet HTML 39Page - STMicroelectronics STM32WB09KE Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
6.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in the tables below, may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these conditions is not implied.
Exposure to maximum rating conditions for extended periods may affect device reliability.
Table 10. Voltage characteristics
Symbol
Ratings
Min. Max. Unit
VDD1, VDD2, VDDRF, VDDSD
DC-DC converter supply voltage input and output
-0.3
+3.9
V
VCAP, VDDA
DC voltage on linear voltage regulator
-0.3 +1.32
FXTALOUT, FXTALIN
DC Voltage on HSE
-0.3 +1.32
PA0 to PA3, PA8 to PA11, PB0 to PB7, PB14 to PB15
DC voltage on digital input/output pins
-0.3
+3.9
VLXSD, VFBSD
DC voltage on analog pins
RCC_OSC32_OUT/PB12, RCC_OSC32_IN/PB13
DC voltage on XTA
-0.3
+3.6
RF1
DC voltage on RF pin
+1.4
-
|ΔVDD|
Variations between different VDDX
power pins of the same domain
-
50
mV
Note:
All the main power and ground pins must always be connected to the external power supply, in the permitted
range.
Table 11. Current characteristics
Symbol
Ratings
Max.
Unit
ΣIVDD
Total current into sum of all VDD power lines (source)
130
mA
ΣIVGND
Total current out of sum of all ground lines (sink)
130
IVDD(PIN)
Maximum current into each VDD power pin (source)
100
IVGND(PIN)
Maximum current out of each ground pin (sink)
100
IIO(PIN)
Output current sunk by any I/O and control pin
20
Output current sourced by any I/O and control pin
20
ΣIIO(PIN)
Total output current sunk by sum of all I/Os and control pins
100
Total output current sourced by sum of all I/Os and control pins
100
Σ|IIN(PIN)|
Total injected current (sum of all I/Os and control pins)
-5/0
Table 12. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-40 to -125
°C
TJ
Maximum junction temperature
125
STM32WB09xE
Electrical characteristics
DS14210 - Rev 6
page 36/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com