Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPR426A Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS9LPR426A
Description  Low Power Programmable Timing Control Hub??for P4??processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9LPR426A Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS9LPR426A Datasheet HTML 9Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 10Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 11Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 12Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 13Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 14Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 15Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 16Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 17Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
Integrated
Circuit
Systems, Inc.
ICS9LPR426A
Advance Information
1346—10/23/07
I2C Table: PCIEX PLL Frequency Control Register
Byte 15
Name
Control Function
Type
PWD
Bit 7
N Div2
N Divider Prog bit 2
RW
X
Bit 6
N Div1
N Divider Prog bit 1
RW
X
Bit 5
M Div5
RW
X
Bit 4
M Div4
RW
X
Bit 3
M Div3
RW
X
Bit 2
M Div2
RW
X
Bit 1
M Div1
RW
X
Bit 0
M Div0
RW
X
I2C Table: PCIEX PLL Frequency Control Register:
Byte 16
Name
Control Function
Type
PWD
Bit 7
N Div10
RW
X
Bit 6
N Div9
RW
X
Bit 5
N Div8
RW
X
Bit 4
N Div7
RW
X
Bit 3
N Div6
RW
X
Bit 2
N Div5
RW
X
Bit 1
N Div4
RW
X
Bit 0
N Div3
RW
X
Bytes 17,18 are reserved
I2C Table: PCIEX PLL Frequency Select Select Register
Byte 19
Name
Control Function
Type
PWD
Bit 7
Reserved
Reserved
RW
0
Bit 6
Reserved
Reserved
RW
0
Bit 5
Reserved
Reserved
RW
0
Bit 4
FS4
Freq Select Bit 4
RW
0
Bit 3
FS3
Freq Select Bit 3
RW
0
Bit 2
FSLC
Freq Select Bit 2
RW
Latch
Bit 1
FSLB
Freq Select Bit 1
RW
Latch
Bit 0
FSLA
Freq Select Bit 0
RW
Latch
I2C Table: Output Control Register
Byte 20
Name
Control Function
Type
PWD
Bit 7
48Mhz
Strength Control
RW
0
Bit 6
CPU_1
Free running Control
RW
0
Bit 5
Load Control
IIC Load control
RW
0
Bit 4
CPUCLK_2/ITP
Free-Running Controls
RW
0
Bit 3
Reserved
Reserved
RW
1
Bit 2
Reserved
Reserved
RW
1
Bit 1
CPUCLK_0
Free Running Controls
RW
0
Bit 0
RESET Sync
Reset Synchronization upon Reset
(Byte 21)
RW
0
I2C Table: Synchronization Control Register
Byte 21
Name
Control Function
Type
PWD
Bit 7
Reserved
Reserved
RW
1
Bit 6
Reserved
Reserved
RW
1
Bit 5
Reserved
Reserved
RW
1
Bit 4
Reserved
Reserved
RW
1
Bit 3
Reserved
Reserved
RW
1
Bit 2
Reserved
Reserved
RW
1
Bit 1
Reserved
Reserved
RW
1
Bit 0
Reserved
Reserved
RW
1
0
N Divider Programming Byte16 bit(7:0)
and Byte15 bit(7:6)
The decimal representation of M and N Divider in Byte 15
and 16 will configure the PCI PLL VCO frequency. Default at
power up = latch-in or Byte 0 Rom table. VCO Frequency =
24 x Ndiv(10:0)/Mdiv(5:0)
The decimal representation of M and N Divider in Byte 15
and 16 will configure the PCI PLL VCO frequency. Default at
power up = latch-in or Byte 0 Rom table. VCO Frequency =
24 x Ndiv(10:0)/Mdiv(5:0)
-
M Divider Programming
bit (5:0)
-
0
Load
-
Stoppable
Stoppable
Do not Load
1
-
-
-
Stoppable
-
-
-
-
-
-
0
01
-
-
-
1
Free-Running
01
1x
2x
--
1
Disable
Enable
-
-
-
-
-
See Table 2: PCIEX PLL Frequency Selection Table
Free-Running
-
Free-Running
-
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com