Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFC310 Datasheet(PDF) 1 Page - Whirlpool.

Part # WFC310
Description  30" (76.2 cm) Freestanding Electric Range
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WFC310 Datasheet(HTML) 1 Page - Whirlpool.

  WFC310 Datasheet HTML 1Page - Whirlpool.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Because Whirlpool Corporation includes a continuous commitment to improve our
products, we reserve the right to change materials and specifications without notice.
Dimensions are for planning purposes only. For complete details, see Installation
Instructions packed with product. Specifications subject to change without notice.
Ref. W10403811C
05/20/2016
30" (76.2 cm) Freestanding Electric Range
PRODUCT MODEL NUMBERS
WFC110
WFC120
WFC130
WFC150
WFC310
WFC340
WFE320
WFE330
WFE510
WFE515
WFE520
WFE524
WFE525
WFE530
WFE540
WFE710
WFE714
WFE720
WFE745
WFE770
WFE905
WFI910
Electrical: To properly install your range, you must determine the type
of electrical connection you will be using and follow the instructions
provided for it here.
■
Range must be connected to the proper electrical voltage and
frequency as specified on the model/serial number rating plate. The
model/serial number rating plate is located on the left-side frame
behind the storage drawer panel or behind the top right side of the
oven door. Refer to the figures in the “Product Dimensions” section of
the “Location Requirements” section.
■
This range is manufactured with the neutral terminal connected to
the cabinet. Use a 3-wire, UL Listed. 40- or 50-amp power supply
cord (pigtail) (see following Range Rating chart). If local codes do not
permit ground through the neutral, use a 4-wire power supply cord
rated at 250 volts, 40 or 50 amps and investigated for use with ranges.
Range Rating*
Specified Rating
of Power Supply
Cord Kit and
Circuit Protection
120/240 Volts
120/208 Volts
Amps
8.8 – 16.5 KW
7.8 – 12.5 KW
40 or 50 **
16.6 – 22.5 KW
12.6 – 18.5 KW
50
* The NEC calculated load is less than the total connected load listed on
the model/serial rating plate.
** If connecting to a 50-amp circuit, use a 50-amp rated cord with a kit.
For 50-amp rated cord kits, use kits that specify use with a nominal
13/8" (34.9 mm) diameter connection opening.
■
A circuit breaker is recommended.
PRODUCT DIMENSIONS
A
B
C
D
E
F
A. 273/4" (70.5 cm) max. depth with handle
B. 467/8" (119.1 cm) overall height (max.) with leveling legs
screwed all the way in*
C. 36" (91.4 cm) cooktop height (max.) with leveling legs screwed
all the way in*
D. 297/8" (75.9 cm) width
E. 255/16" (64.3 cm) depth – back of range to front of cooktop**
F. Model/serial rating plate (located on the left-side frame behind
storage drawer or right side of frame behind the oven door)
IMPORTANT: Range must be level after installation. Follow the
instructions in the “Level Range” section. Using the cooktop as a
reference for leveling the range is not recommended.
* Range can be raised approximately 1" (2.5 cm) by adjusting the
leveling legs.
** Front of door and drawer may extend further forward depending on
styling.
Cabinet opening dimensions shown are for 25" (64.0 cm) countertop
depth, 24" (61.0 cm) base cabinet depth and 36" (91.4 cm) countertop
height.
IMPORTANT: If installing a range hood or microwave hood combination
above the range, following the range hood or microwave hoods
combination instructions for dimensional clearances above the cooktop
surface.
A freestanding range may be installed next to combustible walls with
zero clearance.
*
NOTE: 24" (61.0 cm) minimum when bottom of wood or metal cabinet
is covered by not less than 1/4" (0.64 cm) flame retardant millboard
covered with not less than No. 28 MSG sheet steel, 0.015" (0.4 mm)
stainless steel, 0.024" (0.6 mm) aluminum or 0.020" (0.5 mm) copper.
CABINET OPENING DIMENSIONS
A
B
D
F
E
C
A. 13" (33.0 cm) max.
upper cabinet depth
B. 30" (76.2 cm) min.
opening width
C. For minimum clearance
to top of cooktop, see
NOTE*
D. 301/8" (76.5 cm) min
opening width
E. Outlet – 8" (20.3 cm)
to 22" (55.9 cm)
from either cabinet,
51/2" (14.0 cm) max. to
floor
F. Cabinet door or hinges
should not extend into
the cutout


Similar Part No. - WFC310

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
WFC30B0924FF NDK-WFC30B0924FF Datasheet
419Kb / 1P
SAW Device
WFC30B0924FF NDK-WFC30B0924FF Datasheet
833Kb / 1P
For Short-range Wireless
WFC30B0924FF NDK-WFC30B0924FF_18 Datasheet
833Kb / 1P
For Short-range Wireless
WFC33F0760CE NDK-WFC33F0760CE Datasheet
435Kb / 1P
SAW Device
WFC38C1588CD NDK-WFC38C1588CD Datasheet
781Kb / 1P
SAW Device
More results

Similar Description - WFC310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL402 VISHAY-MODEL402 Datasheet
273Kb / 4P
3 (76.2 mm) Single Turn Wirewound Precision Potentiometer
15-Jun-07
logo
Silicon Laboratories
SI4032-B1-FM SILABS-SI4032-B1-FM Datasheet
88Kb / 2P
Frequency Range = 240??30 MHz
logo
Kersemi Electronic Co.,...
DB3TG KERSEMI-DB3TG Datasheet
395Kb / 4P
Breakover voltage range: 30 to 34V
logo
List of Unclassifed Man...
RY240 ETC1-RY240 Datasheet
1Mb / 4P
electric
logo
Festo Corporation.
1347391 FESTO-1347391 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574095 FESTO-574095 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574099 FESTO-574099 Datasheet
92Kb / 2P
Electric actuator
5/8/22
logo
Hammond Manufacturing L...
HN4FS907224 HAMMOND-HN4FS907224 Datasheet
113Kb / 2P
Type 4 Two Door Freestanding Enclosure
1/8/22
logo
Schneider Electric
XPSCM1144 SCHNEIDER-XPSCM1144 Datasheet
144Kb / 4P
XPSCM1144 module XPS-CM - single-beam photo-electric sensors - 24 V DC
Jul 7, 2020
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
3 dB/step, 30 dB Range
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com