Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2981-28DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP2981-28DBVT
Description  100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2981-28DBVT Datasheet(HTML) 5 Page - Texas Instruments

  LP2981-28DBVT Datasheet HTML 1Page - Texas Instruments LP2981-28DBVT Datasheet HTML 2Page - Texas Instruments LP2981-28DBVT Datasheet HTML 3Page - Texas Instruments LP2981-28DBVT Datasheet HTML 4Page - Texas Instruments LP2981-28DBVT Datasheet HTML 5Page - Texas Instruments LP2981-28DBVT Datasheet HTML 6Page - Texas Instruments LP2981-28DBVT Datasheet HTML 7Page - Texas Instruments LP2981-28DBVT Datasheet HTML 8Page - Texas Instruments LP2981-28DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
Electrical Characteristics
LP2981
100-mA ULTRA-LOW DROPOUT REGULATOR
WITH SHUTDOWN
SLVS521E – JULY 2004 – REVISED MARCH 2008
at specified free-air temperature range, VIN = VOUT(NOM) + 1 V, VON/OFF = 2 V, CIN = 1 µF, IL = 1 mA, COUT = 4.7 µF
(unless otherwise noted)
LP2981A-xx
LP2981-xx
PARAMETER
TEST CONDITIONS
TA
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
IL = 1 mA
25
°C
–0.75
0.75
–1.25
1.25
Output voltage
ΔVOUT
25
°C
–1
1
–2
2 %VNOM
tolerance
IL = 1 mA to 100 mA
–40
°C to 125°C
–2.5
2.5
–3.5
3.5
25
°C
0.007
0.014
0.007
0.014
Output voltage
VIN = (VOUT(NOM) + 1 V) to
ΔVOUT/ΔVIN
%/V
line regulation
16 V
–40
°C to 125°C
0.032
0.032
25
°C
1
3
1
3
IL = 0
–40
°C to 125°C
5
5
25
°C
7
10
7
10
IL = 1 mA
–40
°C to 125°C
15
15
Dropout
VIN – VOUT
mV
voltage(1)
25
°C
70
100
70
100
IL = 25 mA
–40
°C to 125°C
150
150
25
°C
200
250
200
250
IL = 100 mA
–40
°C to 125°C
375
375
25
°C
65
95
65
95
IL = 0
–40
°C to 125°C
125
125
25
°C
80
110
80
110
IL = 1 mA
–40
°C to 125°C
170
170
25
°C
200
300
200
300
IL = 25 mA
–40
°C to 125°C
550
550
Ground pin
VOUT =
25
°C
600
800
600
800
IGND
µA
current
2.8 V, 3 V,
–40
°C to 125°C
1500
1500
3.3 V
IL = 100 mA
25
°C
600
1000
600
1000
VOUT =
2.9 V, 5 V
–40
°C to 125°C
1700
1700
VON/OFF < 0.3 V (OFF)
25
°C
0.01
0.8
0.01
0.8
–40
°C to 105°C
0.05
2
0.05
2
VON/OFF < 0.15 V (OFF)
–40
°C to 125°C
5
5
25
°C
1.4
1.4
High = O/P ON
–40
°C to 125°C
1.6
1.6
ON/OFF input
VON/OFF
V
voltage(2)
25
°C
0.5
0.5
Low = O/P OFF
–40
°C to 125°C
0.15
0.15
25
°C
0.01
0.01
VON/OFF = 0
–40
°C to 125°C
–1
–1
ON/OFF input
ION/OFF
µA
current
25
°C
5
5
VON/OFF = 5 V
–40
°C to 125°C
15
15
Peak output
IOUT(PK)
VOUT ≥ VOUT(NOM) – 5%
25
°C
150
400
400
mA
current
Output noise
BW = 300 Hz to 50 kHz,
Vn
25
°C
160
160
µV
voltage (RMS)
COUT = 10 µF
ΔVOUT/ΔVIN Ripple rejection
f = 1 kHz, COUT = 10 µF
25
°C
63
63
dB
Short-circuit
IOUT(MAX)
RL = 0 (steady state)
25
°C
150
150
mA
current
(1)
Dropout voltage is defined as the input-to-output differential at which the output voltage drops 100 mV below the value measured with a
1-V differential. This dropout specification does not apply to the 1.8-V option, as the minimum VIN = 2.2 V must be observed for proper
biasing of LDO control circuitry.
(2)
The ON/OFF input must be actively terminated. Connect to VIN if this function is not used (see Application Information).
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com