Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2981-29DBVT Datasheet(PDF) 3 Page - Texas Instruments

Part # LP2981-29DBVT
Description  100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2981-29DBVT Datasheet(HTML) 3 Page - Texas Instruments

  LP2981-29DBVT Datasheet HTML 1Page - Texas Instruments LP2981-29DBVT Datasheet HTML 2Page - Texas Instruments LP2981-29DBVT Datasheet HTML 3Page - Texas Instruments LP2981-29DBVT Datasheet HTML 4Page - Texas Instruments LP2981-29DBVT Datasheet HTML 5Page - Texas Instruments LP2981-29DBVT Datasheet HTML 6Page - Texas Instruments LP2981-29DBVT Datasheet HTML 7Page - Texas Instruments LP2981-29DBVT Datasheet HTML 8Page - Texas Instruments LP2981-29DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
VIN
VOUT
GND
ON/OFF
Overcurrent/
Overtemperature
Protection
VREF
1.23 V
−
+
R1
R2
VOUT
3.3
µF
(see Note A)
1
µF
(see Note A)
VIN
1
ON/OFF
(see Note B)
2
GND
3
5
4
NC
(see Note C)
LP2981
LP2981
100-mA ULTRA-LOW DROPOUT REGULATOR
WITH SHUTDOWN
SLVS521E – JULY 2004 – REVISED MARCH 2008
FUNCTIONAL BLOCK DIAGRAM
BASIC APPLICATION CIRCUIT
A.
Minimum COUT value for stability (can be increased without limit for improved stability and transient response)
B.
ON/OFF must be actively terminated. Connect to VIN if shutdown feature is not used.
C.
Pin 4 (NC) must be left open. Do not connect anything to this pin.
Figure 1.
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com