Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF200P222 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IRF200P222
Description  isc N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF200P222 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IRF200P222 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF200P222 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IRF200P222 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc N-Channel MOSFET Transistor
IRF200P222
www.iscsemi.com
2023-9-7
2
ELECTRICAL CHARACTERISTICS(TC=25℃ unless otherwise specified)
SYMBO
L
PARAMETER
CONDITIONS
MIN
Typ
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage VGS= 0; ID= 1mA
200
--
--
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID= 270uA
2.0
--
4.0
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 82A
--
--
6.6
mΩ
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0V
--
--
±
100
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 160V; VGS= 0V
--
--
1.0
uA
VSD
Forward On-Voltage
IS= 82A; VGS= 0V
--
--
1.2
V
Ciss
Input Capacitance
VGS=0V,VDS=40V,f=1MHz
--
21300
--
pF
Coss
Output Capacitance
--
1450
--
Crss
Reverse Transfer Capacitance
--
950
--
tdon
Turn-on Delay Time
VDD=100V,ID=55A,VGS=10V,
RG=4.7Ω
--
92
--
ns
tr
Rise Time
--
42
--
tdoff
Turn-Off Delay Time
--
175
--
tf
Fall Time
--
36
--
trr
Reverse Recovery Time
IF=55A,diF/dt=100A/us
--
370
--
ns
Qrr
Reverse Recovery Charge
--
938
--
nC
Product Disclaimer
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.
ISC products are intended for usage in general electronic equipment. The products are not designed for
use in equipment which require specialized quality and/or reliability, or in equipment which could have
applications in hazardous environments, aerospace industry, or medical field. Please contact us if you
intend our products to be used in these special applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com