Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7621 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC7621
Description  2.92mm Female Connector Clamp/Non-Solder Contact Attachment 4 Hole Flange For .047 SR Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC7621 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC7621 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC7621 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC7621 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1.2 Page 1 of 3
Copyright © 2016
2.92mm female 4 hole flange mount connector with clamp/non-solder contact
attachment for .047 SR, part number SC7621, from Fairview Microwave is in-stock
and ships same day. This 2.92mm female connector operates up to a maximum
frequency of 40 GHz and offers excellent VSWR of 1.2:1. Fairview’s SC7621 4
hole flange 2.92mm connector enables designers to make external connections
on product enclosures, and can be used in a variety of other rack mount and panel
mount applications.
Fairview’s 2.92mm female 4 hole flange connector SC7621 datasheet specifications
and outline drawing are shown in this PDF below. Our extensive offering of RF,
microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. From providing an I/O
for a board design to creating a custom cable assembly configuration, Fairview
Microwave has a connector solution to meet your needs. Fairview Microwave also
has the expertise to build your custom cable assemblies for you and ship them
same-day.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
40
GHz
VSWR
1.2:1
Operating Voltage (AC)
170
Vrms
DWV (AC)
500
Vrms
High Potential Voltage
325
Vrms
5 to 7.5 MHz
Corona Discharge
125
Vrms
at 70,000 ft.
Insulation Resistance
5,000
MOhms
RF Leakage
90
dB
.
Mechanical Specifications
Size
Length
0.565 in [14.35 mm]
Width/Dia.
0.5 in [12.70 mm]
.
Weight
0.011 lbs [4.99 g]
.
Material Specifications
.
Description
Material
Plating
Contact
Beryllium Copper
Gold
50 µin minimum
.
Insulation
ULTEM
.
Outer Conductor
Passivated Stainless Steel
SAE-AMS-2700
.
SC7621
DATA SHEET
2.92mm Female Connector Clamp/Non-Solder
Contact Attachment 4 Hole Flange For .047 SR Cable
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• 2.92mm Female Connector
• 50 Ohms
• Straight Body Geometry
• .047 SR Interface Type
• Clamp/Non-Solder Contact At-
tachment
• 4 Hole Flange
Features:
• Operating Frequency
of 40 GHz Max.
• Excellent VSWR of 1.2:1
• Gold Plated Beryllium
Copper Contact
• 50 µin minimum contact plating
Applications:
• General Purpose Test
• Rack and Panel Mount
Applications
• Custom Cable Assemblies


Similar Part No. - SC7621

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
SC762110 BOT-SC762110 Datasheet
97Kb / 2P
Power Solid State Relay
More results

Similar Description - SC7621

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4034 PASTERNACK-PE4034 Datasheet
223Kb / 3P
SMA Female Connector Clamp/Solder Attachment 4 Hole Flange For RG316, RG174, RG188, .340 inch Hole Spacing
PE4970 PASTERNACK-PE4970 Datasheet
265Kb / 2P
C Female Connector Clamp/Solder Attachment 4 Hole Flange For RG59, RG62, .718 inch Hole Spacing
PE44227 PASTERNACK-PE44227 Datasheet
213Kb / 2P
2.92mm Female Connector Clamp/Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE45036 PASTERNACK-PE45036 Datasheet
410Kb / 3P
N Female Connector Clamp - Non-Solder Contact Attachment for 7/8 inch annular
PE4314 PASTERNACK-PE4314 Datasheet
231Kb / 3P
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange For RG59, RG62, .500 inch Threaded Hole Spacing
PE45203 PASTERNACK-PE45203 Datasheet
384Kb / 3P
N Female Connector Clamp/Non-Solder Contact Attachment for 7/8 inch Helical
PE4548 PASTERNACK-PE4548_16 Datasheet
382Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount
PE4059 PASTERNACK-PE4059_17 Datasheet
514Kb / 3P
N Female Connector Clamp/Solder (Captive Contact) Attachment
PE4314 PASTERNACK-PE4314_16 Datasheet
338Kb / 3P
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange Mount
PE4355 PASTERNACK-PE4355_16 Datasheet
353Kb / 3P
N Female Connector Solder Attachment 4 Hole Flange
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com