Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AS02 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS02
Description  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS02 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS02 Datasheet HTML 1Page - Texas Instruments SN74AS02 Datasheet HTML 2Page - Texas Instruments SN74AS02 Datasheet HTML 3Page - Texas Instruments SN74AS02 Datasheet HTML 4Page - Texas Instruments SN74AS02 Datasheet HTML 5Page - Texas Instruments SN74AS02 Datasheet HTML 6Page - Texas Instruments SN74AS02 Datasheet HTML 7Page - Texas Instruments SN74AS02 Datasheet HTML 8Page - Texas Instruments SN74AS02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54ALS02A, SN54AS02, SN74ALS02A, SN74AS02
QUADRUPLE 2INPUT POSITIVENOR GATES
SDAS111B − APRIL 1982 − REVISED DECEMBER 1994
Copyright
1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
• Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These devices contain four independent 2-input
positive-NOR gates. They perform the Boolean
functions Y = A + B or Y = A
• B in positive logic.
The
SN54ALS02A
and
SN54AS02
are
characterized for operation over the full military
temperature range of − 55
°C to 125°C. The
SN74ALS02A and SN74AS02 are characterized
for operation from 0
°C to 70°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
X
L
X
HL
L
L
H
logic symbol†
logic diagram (positive logic)
2
1A
3
1B
5
2A
6
2B
8
3A
9
3B
11
4A
12
4B
1Y
1
2Y
4
3Y
10
4Y
13
≥1
2
1A
3
1B
5
2A
6
2B
8
3A
9
3B
11
4A
12
4B
1Y
1
2Y
4
3Y
10
4Y
13
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
SN54ALS02A, SN54AS02 ...J PACKAGE
SN74ALS02A, SN74AS02 ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1Y
1A
1B
2Y
2A
2B
GND
VCC
4Y
4B
4A
3Y
3B
3A
SN54ALS02A, SN54AS02 . . . FK PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4B
NC
4A
NC
3Y
1B
NC
2Y
NC
2A
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74AS02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS02 TI-SN74AS02 Datasheet
120Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74AS02 TI1-SN74AS02 Datasheet
1Mb / 18P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74AS02D TI-SN74AS02D Datasheet
120Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74AS02D TI1-SN74AS02D Datasheet
1Mb / 18P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74AS02DR TI-SN74AS02DR Datasheet
120Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results

Similar Description - SN74AS02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC02 TI-SN54AHC02 Datasheet
86Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02 Datasheet
83Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74LS02 HITACHI-HD74LS02 Datasheet
43Kb / 5P
Quadruple 2-input Positive NOR Gates
logo
Texas Instruments
SN54F36 TI-SN54F36 Datasheet
142Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCC02 TI-SN54AHCC02 Datasheet
624Kb / 18P
QUADRUPLE 2 - INPUT POSITIVE - NOR GATES
SN54L02 TI-SN54L02 Datasheet
310Kb / 6P
Quadruple 2-input positive-nor gates
CD54AC02 TI-CD54AC02 Datasheet
480Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54HC02 TI-SN54HC02_07 Datasheet
661Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN5402 TI-SN5402_07 Datasheet
968Kb / 25P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02_08 Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com