Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CSS200911R0001 Datasheet(PDF) 3 Page - ABB

Part # 2CSS200911R0001
Description  Miniature Circuit Breaker - S200 - 2P - B - 32 A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

2CSS200911R0001 Datasheet(HTML) 3 Page - ABB

  2CSS200911R0001 Datasheet HTML 1Page - ABB 2CSS200911R0001 Datasheet HTML 2Page - ABB 2CSS200911R0001 Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Identifier
Description
Type
Qty
Unit Of
Measure
2CCA880100R0001 SMISSLINE
CMS-100PS
1
piece
2CCA880101R0001
Sensor 18mm, 40A AC, DC, TRMS, mounting for pro M compact &
SMISSLINE
CMS-101PS
1
piece
2CCA880102R0001
Sensor 18mm, 20A AC, DC, TRMS, mounting for pro M compact &
SMISSLINE
CMS-102PS
1
piece
2CDS200909R0001 S2C-A1 - Shunt Trip
S2C-A1
1
piece
2CDS200909R0002 S2C-A2 - Shunt Trip
S2C-A2
1
piece
2CDS200912R0001 S2C-H6R - Auxiliary Contact
S2C-H6R
1
piece
2CDS200918R0001 S2C-NT - Hand Operated Neutral
S2C-NT
1
piece
2CDS200922R0001 S2C-S/H6R - Signal / Auxiliary Contact
S2C-S/H6R
1
piece
2CDS200936R0001 S2C-H11L - Auxiliary Contact
S2C-H11L
1
piece
2CDS200936R0002 S2C-H20L - Auxiliary Contact
S2C-H20L
1
piece
2CDS200936R0003 S2C-H02L - Auxiliary Contact
S2C-H02L
1
piece
2CDS200946R0001 S2C-H6-11R - Auxiliary Contact
S2C-H6-11R
1
piece
2CDS200946R0002 S2C-H6-20R - Auxiliary Contact
S2C-H6-20R
1
piece
2CDS200946R0003 S2C-H6-02R - Auxiliary Contact
S2C-H6-02R
1
piece
2CDS200970R0001 S2C-H01 - Auxiliary Contact
S2C-H01
1
piece
2CDS200970R0002 S2C-H10 - Auxiliary Contact
S2C-H10
1
piece
2CSS200911R0001 S2C-UA 12 DC - Undervoltage release
S2C-UA 12 DC 1
piece
2CSS200911R0002 S2C-UA 24 AC - Undervoltage release
S2C-UA 24 AC 1
piece
2CSS200911R0003 S2C-UA 48 AC - Undervoltage release
S2C-UA 48 AC 1
piece
2CSS200911R0004 S2C-UA 110 AC - Undervoltage release
S2C-UA 110
AC
1
piece
2CSS200911R0005 S2C-UA 230 AC - Undervoltage release
S2C-UA 230
AC
1
piece
2CSS200911R0006 S2C-UA 400 AC - Undervoltage release
S2C-UA 400
AC
1
piece
2CSS200911R0007 S2C-UA 24 DC - Undervoltage release
S2C-UA 24 DC 1
piece
2CSS200911R0008 S2C-UA 48 DC - Undervoltage release
S2C-UA 48 DC 1
piece
2CSS200911R0009 S2C-UA 110 DC - Undervoltage release
S2C-UA 110
DC
1
piece
2CSS200911R0010 S2C-UA 230 DC - Undervoltage release
S2C-UA 230
DC
1
piece
2CSS200998R0001 S2C-BP - Mechanical tripping device
S2C-BP
1
piece
2CSS200999R0001 S2C-EST - Plug-in base
S2C-EST
1
piece
2CSS201997R0013 S2C-CM1 - Motor operating device
S2C-CM1
1
piece
2CSS203997R0013 S2C-CM2/3 - Motor operating device
S2C-CM2/3
1
piece
2CSS204997R0013 S2C-CM4 - Motor operating device
S2C-CM4
1
piece
GHS2001901R0003 S2C-DH - Mechanical Accessories
S2C-DH
1
piece



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com