Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJS6318 Datasheet(PDF) 2 Page - Nisshinbo Micro Devices Inc.

Part # NJS6318
Description  S-band Diode Limiter Model No. NJS6318
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJS6318 Datasheet(HTML) 2 Page - Nisshinbo Micro Devices Inc.

  NJS6318 Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. NJS6318 Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. NJS6318 Datasheet HTML 3Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NJS6318
*Above Specifications are subject to change without notice.
Reference No.:
DS-S6318
Rev.:
07E
Sheet:
2
■ GENERAL DESCRIPTION
NJS6318 is designed for the high power limiter of radar
system.
It features a small size operable at any frequency between
3.00GHz and 3.10GHz.
This diode limiter consists of the two stage self-biased limiter
diodes, and no external trigger and no bias are required.
■ ABSOLUTE MAXIMUM RATINGS
PARAMETERS
MINIMUM
MAXIMUM
UNITS
Maximum handling power
(Fig.1)
-
30
kW
Continuous handling power
(Fig.1)
-
4
kW
Ambient temperature
-30
+90
℃
RF pulse width
(Fig.2)
-
-
μs
■ ELECTRICAL CHARACTERISTICS
< at 25 ºC >
PARAMETERS
MINIMUM
MAXIMUM
UNITS
V.S.W.R.
(Note 1)
-
1.5
-
Insertion loss
(Note 1,3)
-
1.2
dB
Flat leakage power
(Note 2,3)
-
150
mW
Spike leakage power
(Note 2,3)
-
600
mW
Recovery time
(Note 2,3)
-
0.5
μs
Note 1: Measured at power level 0.1mW CW.
Note 2: Measured at power level 4kW, 1.0µs pulse width and 1000pps.
Note 3: Measured at frequency 3.05GHz.
0
1
2
3
4
5
6
7
8
0.1
1
RF PULSE WIDTH (µs)
Fig.1 PULSE WIDTH DEPENDENCE OF CONTINUOUS RATINGS
(at=25゜C)
0.2
0.3
0.4 0.5
3
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com