Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CSS200911R0001 Datasheet(PDF) 2 Page - ABB

Part # 2CSS200911R0001
Description  Miniature Circuit Breaker - S200 - 2P - K - 2 ampere
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

2CSS200911R0001 Datasheet(HTML) 2 Page - ABB

  2CSS200911R0001 Datasheet HTML 1Page - ABB 2CSS200911R0001 Datasheet HTML 2Page - ABB 2CSS200911R0001 Datasheet HTML 3Page - ABB 2CSS200911R0001 Datasheet HTML 4Page - ABB 2CSS200911R0001 Datasheet HTML 5Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
acc. to IEC/EN 60664-1 440 V
Rated Insulation Voltage
(Ui)
Maximum (Incl. Tolerance) 125 V DC
Maximum (Incl. Tolerance) 440 V AC
Minimum 12 V AC / 12 V DC
Operational Voltage
50 Hz
60 Hz
Rated Frequency (f)
(230 V AC) 20 kA
(440 V AC) 10 kA
Rated Ultimate Short-
Circuit Breaking
Capacity (Icu)
(230 V AC) 15 kA
Rated Service Short-
Circuit Breaking
Capacity (Ics)
3
Energy Limiting Class
III
Overvoltage Category
3
Pollution Degree
4 kV
(6.2 kV @ sea level) kV
(5.0 kV @ 2000 m) kV
Rated Impulse
Withstand Voltage (Uimp
)
50 / 60 Hz, 1 min: 2 kV
Dielectric Test Voltage
Insulation Group II, RAL 7035
Housing Material
Insulation group II, black, sealable
Actuator Type
Insulation Group II, Black, Sealable
Actuator Material
I / O
Actuator Marking
Red ON / Green OFF
Contact Position
Indication
IP20
Degree of Protection
IP40 in enclosure with cover
Remarks
20000 AC cycle
Electrical Endurance
20000 cycle
Screw Terminals
Terminal Type
Failsafe Bi-directional Cylinder-lift Terminal
Screw Terminal Type
Busbar 10 / 10 mm²
Flexible with Ferrule 0.75 ... 25 mm²
Flexible 0.75 ... 25 mm²
Rigid 0.75 ... 35 mm²
Stranded 0.75 ... 35 mm²
Connecting Capacity
2.8 N·m
Tightening Torque
Pozidriv 2
Recommended Screw
Driver
TH35-15 (35 x 15 mm Mounting Rail) acc. to IEC 60715
TH35-7.5 (35 x 7.5 mm Mounting Rail) acc. to IEC 60715
Mounting on DIN Rail
Any
Mounting Position
69 mm
Built-In Depth (t2)
acc. to DIN 43880 1
Installation Size
Arbitrary
Power Supply
Connection
Environmental
Operation -25 ... +55 °C
Storage -40 ... +70 °C
Ambient Air
Temperature
25g / 2 shocks / 13 ms
Resistance to Shock acc.
to IEC 60068-2-27
5g, 20 cycles at 5 ... 150 ... 5 Hz with load 0.8 In
Resistance to Vibrations
acc. to IEC 60068-2-6
28 cycles
with 55 °C / 90-96 %
and 25 °C / 95-100 %
Environmental
Conditions
Following EU Directive 2002/95/EC August 18, 2005 and amendment
RoHS Status
2
S202-K2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com