Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CSS200911R0001 Datasheet(PDF) 3 Page - ABB

Part # 2CSS200911R0001
Description  Miniature Circuit Breaker - S200 - 2P - K - 25 ampere
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

2CSS200911R0001 Datasheet(HTML) 3 Page - ABB

  2CSS200911R0001 Datasheet HTML 1Page - ABB 2CSS200911R0001 Datasheet HTML 2Page - ABB 2CSS200911R0001 Datasheet HTML 3Page - ABB 2CSS200911R0001 Datasheet HTML 4Page - ABB 2CSS200911R0001 Datasheet HTML 5Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical UL/CSA
110 V DC
480Y / 277 V AC
Maximum Operating
Voltage UL/CSA
Busbar 18-8 AWG
Conductor 18-4 AWG
Connecting Capacity
UL/CSA
25 in·lb
Tightening Torque
UL/CSA
(110 V DC) 10 kA
(277 V AC) 6 kA
(480Y / 277 V AC) 6 kA
Interrupting Rating acc.
to UL1077
Dimensions
35 mm
Product Net Width
69 mm
Product Net Depth /
Length
88 mm
Product Net Height
0.25 kg
Product Net Weight
Container Information
5 piece
Package Level 1 Units
92 mm
Package Level 1 Width
183 mm
Package Level 1 Depth /
Length
80 mm
Package Level 1 Height
1.3 kg
Package Level 1 Gross
Weight
4016779608800
Package Level 1 EAN
60 piece
Package Level 2 Units
275 mm
Package Level 2 Width
395 mm
Package Level 2 Depth /
Length
210 mm
Package Level 2 Height
14.8 kg
Package Level 2 Gross
Weight
4016779972758
Package Level 2 EAN
Ordering
1 piece
Minimum Order Quantity
85362010
Customs Tariff Number
2100717
E-Number (Sweden)
Certificates and Declarations (Document Number)
2CDK403001D0607
Declaration of
Conformity - CE
2CDK400030D0201
Environmental
Information
2CSC400002D0208
Instructions and
Manuals
2CDK400003K0203
RoHS Information
Popular Downloads
9AKK107046A0423
Data Sheet, Technical
3
S202-K25



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com