Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOC-IPADCAP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FOC-IPADCAP
Description  IP68 Rated Dust Cap for FO series couplers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

FOC-IPADCAP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FOC-IPADCAP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PHOSPODAR
1.19
30.3
1.24 31.6
4.54
115.3
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
FOC-IPADCAP
A
1
1
DFRISIELLO
05/28/2020
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
05/28/2020
05/28/2020
A
INITIAL RELEASE
PHOSPODAR
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
IP68 Rated Dust Cap for
FO series couplers
FIBER OPTIC
UNLESS OTHERWISE SPECIFIED,
DZINN
COLOR VARIATIONS
MAY OCCUR
05/28/2020
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: FOC-IPADCAP.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X = .2 [5]
.XX = .02 [.5]
.XXX = .005 [.13]


Similar Part No. - FOC-IPADCAP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FOC-IPCOCAP L-COM-FOC-IPCOCAP Datasheet
88Kb / 1P
IP68 Rated Dust Cap for FOC-IP series connectors
05/07/2020
FOC-IPMF L-COM-FOC-IPMF Datasheet
112Kb / 1P
IP68 MPO FEMALE CONNECTOR WITH LOCK RING, 4.5-6.2mm
06/03/2020
FOC-IPMF1M-L48N L-COM-FOC-IPMF1M-L48N Datasheet
112Kb / 1P
IP68 MPO FEMALE CONNECTOR WITH LOCK RING, 4.5-6.2mm
06/03/2020
FOC-IPMF1M-L60N L-COM-FOC-IPMF1M-L60N Datasheet
112Kb / 1P
IP68 MPO FEMALE CONNECTOR WITH LOCK RING, 4.5-6.2mm
06/03/2020
FOC-IPMF1M-S48N L-COM-FOC-IPMF1M-S48N Datasheet
112Kb / 1P
IP68 MPO FEMALE CONNECTOR WITH LOCK RING, 4.5-6.2mm
06/03/2020
More results

Similar Description - FOC-IPADCAP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6007 PASTERNACK-PE6007 Datasheet
236Kb / 2P
Shorting Dust Cap for SMA Female
PE6030 PASTERNACK-PE6030 Datasheet
232Kb / 2P
Shorting Dust Cap for BNC Female
PE6031 PASTERNACK-PE6031 Datasheet
229Kb / 2P
Shorting Dust Cap for N Female
logo
Winchester Electronics ...
8784 WINCHESTER-8784 Datasheet
311Kb / 1P
Sma Dust Cap
878-4 WINCHESTER-878-4 Datasheet
311Kb / 1P
SMA DUST CAP
logo
PowerDynamics, Inc
3351A-01 POWERDYNAMICS-3351A-01 Datasheet
185Kb / 1P
Waterproof Cap (IP68)
logo
Samtec, Inc
DCA-RPBE-01-01-L SAMTEC-DCA-RPBE-01-01-L Datasheet
191Kb / 2P
DUST CAP ASM FOR RPBE DC
DCA-RPBU-01-01-A SAMTEC-DCA-RPBU-01-01-A Datasheet
154Kb / 2P
DUST CAP FOR RPBU
logo
Bivar, Inc.
SGLC-250-D-B BIVAR-SGLC-250-D-B Datasheet
221Kb / 2P
IP68 LENS CAP
3/1/2021
SGLC-250-D-LD-B BIVAR-SGLC-250-D-LD-B Datasheet
420Kb / 2P
IP68 LENS CAP
9/23/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com