Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8R00W Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST8R00W
Description  Micropower 1A synchronous step-up DC-DC converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8R00W Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST8R00W Datasheet HTML 11Page - STMicroelectronics ST8R00W Datasheet HTML 12Page - STMicroelectronics ST8R00W Datasheet HTML 13Page - STMicroelectronics ST8R00W Datasheet HTML 14Page - STMicroelectronics ST8R00W Datasheet HTML 15Page - STMicroelectronics ST8R00W Datasheet HTML 16Page - STMicroelectronics ST8R00W Datasheet HTML 17Page - STMicroelectronics ST8R00W Datasheet HTML 18Page - STMicroelectronics ST8R00W Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
ST8R00
Package mechanical data
15/19
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A0.800.901.00
0.0310.0350.039
A1
0
0.02
0.05
0
0.001
0.002
A3
0.20
0.008
b
0.23
0.300.38
0.009
0.012
0.015
D
3.90
4.00
4.10
0.154
0.157
0.161
D2
2.82
3.00
3.23
0.111
0.118
0.127
E
3.90
4.00
4.10
0.154
0.157
0.161
E2
2.05
2.20
2.30
0.0810.0870.091
e0.800.031
L
0.40
0.50
0.60
0.016
0.020
0.024
DFN8 (4x4) Mechanical Data
7869653B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com