Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDFM-SW Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HDFM-SW
Description  HDMI SWIVEL ADAPTER M-F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HDFM-SW Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HDFM-SW Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NORTH ANDOVER, MA
D. PARHAM
PROJECTION
UNDIMENSIONED FEATURES
MAY OCCUR
AUDIO/VIDEO
D.FRISIELLO
6
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
D. DESJARDIN
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
UNLESS OTHERWISE SPECIFIED,
7
10/24/12
8
HDFM-SW
B
HDFM-SW.SLDDRW
1
10/25/12
REVISIONS
DESCRIPTION
APPROVED
1
REV
DATE
10/26/12
B
INITIAL RELEASE
11/19/12
HDMI SWIVEL ADAPTER M-F
5
10/25/12
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
ECN 6532: REMOVED L-COM LOGO BOTH SIDES
FSCM NO.
43321
A
COLOR VARIATIONS
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
D.GRIFFIN
CATEGORY
S. SMITH
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
RoHS Compliant 
3. ADAPTER SHALL BE PACKAGED PER L-COM PACKAGING SPEC PS-0031.
2. ADAPTER SHALL BE TESTED FOR CONTINUITY.
1. ADAPTER SHIPPED WITH DUST COVERS INSTALLED (NOT SHOWN)
NOTES:
WIRE MAP
"J1"
"P1"
11
22
33
44
55
66
77
88
99
10
10
11
11
12
12
13
13
14
14
15
15
16
16
17
17
18
18
19
19
SHELL SHELL
B
PIN 2
FEMALE CONNECTOR
HDMI 19 PIN
PIN 18
"J1"
PIN 1
PIN 19
PIN 19
MALE CONNECTOR
HDMI 19 PIN
PIN 18
"P1"
PIN 1
PIN 2
.45
11
NO L-COM LOGO
EITHER SIDE
90°
90°
BLACK PLASTIC
HOUSING
2.29
58
.34
8.5
.84
21


Similar Part No. - HDFM-SW

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HDFM L-COM-HDFM Datasheet
76Kb / 1P
HDMI ADAPTOR, FEMALE TO MALE
10/24/12
More results

Similar Description - HDFM-SW

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P142000MICRO TRIPPLITE-P142000MICRO Datasheet
495Kb / 2P
HDMI to Micro HDMI Adapter Converter, 1080p (F-M)
P142000MINI TRIPPLITE-P142000MINI Datasheet
493Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F-M)
P142000UD TRIPPLITE-P142000UD Datasheet
490Kb / 2P
HDMI Swivel Adapter (Up - Down) (M-F)
P142000UP TRIPPLITE-P142000UP Datasheet
505Kb / 2P
HDMI Right Angle Up Adapter - Coupler (M-F)
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
P142-000-MICRO TRIPPLITE-P142-000-MICRO Datasheet
171Kb / 2P
HDMI to Micro HDMI Adapter Converter, 1080p (F/M)
P142-000-MINI TRIPPLITE-P142-000-MINI Datasheet
161Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F/M)
P142-000-UD TRIPPLITE-P142-000-UD Datasheet
158Kb / 2P
HDMI Swivel Adapter (Up / Down) (M/F)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com