Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDFM Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HDFM
Description  HDMI ADAPTOR, FEMALE TO MALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HDFM Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HDFM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.89
22.6
1.51
38.4
.27
6.9
BLACK PVC OVERMOLD
"P1"
HDMI PLUG
LOGO BOTH SIDES
.40
10.2
.80
20.3
POSITION 1
POSITION 1
NOTES:
1. SHELL OF CONNECTORS ARE ELECTRICALLY CONNECTED.
2. ADAPTOR SHALL BE TESTED FOR CONTINUITY.
3. ADAPTOR SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PS-0031.
"J1"
HDMI JACK
WIRE MAP
"P1"
"J1"
SHELL
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
SHELL
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
HDFM
A
HDFM.SLDDRW
1
1
D. PARHAM
10/25/12
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
S. SMITH
10/25/12
10/26/12
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
HDMI ADAPTOR, FEMALE TO MALE
AUDIO/VIDEO
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. DESJARDIN
COLOR VARIATIONS
MAY OCCUR
10/24/12
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - HDFM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HDFM-SW L-COM-HDFM-SW Datasheet
61Kb / 1P
HDMI SWIVEL ADAPTER M-F
10/24/12
More results

Similar Description - HDFM

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD206H-034-00001N WINCHESTER-SD206H-034-00001N Datasheet
81Kb / 1P
BNC MALE TO 1.0/2.3 FEMALE ADAPTOR(ROHS)
logo
Amphenol Corporation
SMA7071A2-3GT50G-50 AMPHENOL-SMA7071A2-3GT50G-50 Datasheet
140Kb / 1P
SMA FEMALE TO FEMALE ADAPTOR
B5072A1-ND3G-50 AMPHENOL-B5072A1-ND3G-50 Datasheet
79Kb / 1P
BNC MALE TO FEMALE R/A ADAPTOR
logo
List of Unclassifed Man...
R125771001 ETC2-R125771001 Datasheet
86Kb / 1P
RIGHT ANGLE MALE - FEMALE ADAPTOR
logo
Amphenol Corporation
B7071A1-ND3G-75 AMPHENOL-B7071A1-ND3G-75 Datasheet
53Kb / 1P
BNC FEMALE TO FEMALE ADAPTOR
logo
Tripp Lite. All Rights ...
P131000 TRIPPLITE-P131000 Datasheet
518Kb / 2P
HDMI Male to VGA Female Adapter
logo
List of Unclassifed Man...
ADP-SMAM-RPSF ETC2-ADP-SMAM-RPSF Datasheet
120Kb / 1P
SMA MALE TO RP-SMA FEMALE ADAPTOR
CONSMA010 ETC2-CONSMA010 Datasheet
129Kb / 1P
SMA MALE TO SMA FEMALE RIGHT ANGLE ADAPTOR
logo
Linx Technologies
ADP-RPSM-SMAF LINX-ADP-RPSM-SMAF Datasheet
190Kb / 1P
RP-SMA MALE TO SMA FEMALE ADAPTOR
ADP-SMAF-SMAF LINX-ADP-SMAF-SMAF Datasheet
203Kb / 1P
SMA FEMALE TO SMA FEMALE ADAPTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com