Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDRAMF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HDRAMF
Description  HDMI A R/A MALE TO FEMALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HDRAMF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HDRAMF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECN 9968: CREATED 3D MODEL REVISED DRAWING
MAY OCCUR
A
B
C
BPUCHASKI
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
HDRAMF.SLDDRW
8
04/19/2017
ECN 8743: CHANGE PACKAGING SPEC FROM PKG-00012 TO PS-0031.
BGATES
C
DATE
04/27/2017
REVISIONS
DESCRIPTION
APPROVED
REV
HDRAMF
1
BPUCHASKI
A
04/21/2017
04/28/2017
B
05/01/2017
1
UNLESS OTHERWISE SPECIFIED,
JLABOY
JLABOY
C
INITIAL RELEASE
DFRISIELLO
CATEGORY
PRODUCT DESCRIPTION
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
HDMI A R/A MALE TO FEMALE
AUDIO/VIDEO
PROJECTION
07/12/2019
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
NOTES:
1. CABLE: [ 30AWG*7/0.10mm*1P+DAM] *5+30AWG*4C+ADB
PVC OUTER JACKET BLACK(BK0101): V1.4 OD: 6.0+ 0.20mm
HIGH SPEED HDMI CABLE W/ ETHERNET, UL LIST
2. CONNECTORS:
HDMI A/M, CONTACT:3U" GOLD PLT, SHELL 1U" GOLD PLT, INSULATION: BLACK
HDMI A/F, CONTACT:3U" GOLD PLT, SHELL 1U" GOLD PLT, INSULATION: BLACK
3. ELECTRICAL TEST:
(1)- 100% OPEN SHORT & MISS WIRE TEST
(2)- INSULATION: DC 300V/0.01s 10M OHM MIN.
(3)- CONDUCTOR RESISTANCE: 2 OHM
PACKAGING:
COMPONENT SHALL BE PACKAGED IN ACCORDANCE
WITH L-COM SPEC PS-0031
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
PIN OUT
P1
J1
SIGNAL NAME
1
1
TMDS Data2+
3
3
TMDS Data2-
5
5
TMDS Data2 SHIELD
4
4
TMDS Data1+
6
6
TMDS Data1-
2
2
TMDS Data1 SHIELD
7
7
TMDS Data0+
9
9
TMDS Data0-
11
11
TMDS Data0 SHIELD
10
10
TMDS CLOCK+
12
12
TMDS CLOCK-
88
TMDS CLOCK- SHIELD
13
13
CEC
14
14
UTILITY
19
19
HOT PLUG DETECT
17
17
DDC/CED GROUND
15
15
SCL
16
16
SDA
18
18
+5V POWER
SHELL SHELL
DRAIN
C
"J1"
C
PIN 18
PIN 19
PIN 1
PIN 2
C
"P1"
PIN 2
PIN 19
PIN 1
PIN 18
5.9 .8
[150.0 20.0]
MOLDED HOOD
PVC, BLACK
MOLDED HOOD
RIGHT ANGLE
PVC, BLACK
.35+-
.02
.00
8.9+0.5
0.0


Similar Part No. - HDRAMF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HDRA ETC-HDRA Datasheet
1Mb / 30P
0.8 mm Pitch Connectors
logo
Infinite Electronics In...
HDRA-0.5 L-COM-HDRA-0.5 Datasheet
76Kb / 1P
CA HDMI-M/RA-M
9/21/11
HDRA-0.5 L-COM-HDRA-0.5 Datasheet
76Kb / 1P
CA HDMI-M/RA-M
9/21/11
HDRA-0.5 L-COM-HDRA-0.5 Datasheet
76Kb / 1P
CA HDMI-M/RA-M
9/21/11
HDRA-0.5 L-COM-HDRA-0.5 Datasheet
76Kb / 1P
CA HDMI-M/RA-M
9/21/11
More results

Similar Description - HDRAMF

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
B5072A1-ND3G-50 AMPHENOL-B5072A1-ND3G-50 Datasheet
79Kb / 1P
BNC MALE TO FEMALE R/A ADAPTOR
logo
Assmann Electronics Inc...
AK627-10-R ASSMANN-AK627-10-R Datasheet
294Kb / 1P
HDMI CABLE, A/MALE TO A/MALE
logo
Amphenol Corporation
7012-1330-1332 AMPHENOL-7012-1330-1332 Datasheet
76Kb / 1P
SMP FEMALE R/A TO SMA MALE R/A FOR .047 CABLE ASSEMBLY
7015-0992-0993 AMPHENOL-7015-0992-0993 Datasheet
88Kb / 1P
2.9mm R/A MALE TO SMP R/A FEMALE 횠.047 CABLE ASSEMBLY
7015-0996-0997 AMPHENOL-7015-0996-0997 Datasheet
89Kb / 1P
2.9mm R/A MALE TO SMPM R/A FEMALE 횠.047 CABLE ASSEMBLY`
7032-7237-7239 AMPHENOL-7032-7237-7239 Datasheet
75Kb / 1P
SMPM FEMALE R/A TO SMA MALE R/A FOR .047 CABLE ASSEMBLY
7032-7240-7242 AMPHENOL-7032-7240-7242 Datasheet
76Kb / 1P
SMPM FEMALE R/A TO SMA MALE R/A FOR .085 CABLE ASSEMBLY
logo
Amphenol SV Microwave
7012-1330-1332 SVMICROWAVE-7012-1330-1332 Datasheet
76Kb / 1P
SMP FEMALE R/A TO SMA MALE R/A FOR .047 CABLE ASSEMBLY
08/17
7015-0992-0993 SVMICROWAVE-7015-0992-0993 Datasheet
88Kb / 1P
2.9mm R/A MALE TO SMP R/A FEMALE Ø.047 CABLE ASSEMBLY
01/20
7015-0996-0997 SVMICROWAVE-7015-0996-0997 Datasheet
89Kb / 1P
2.9mm R/A MALE TO SMPM R/A FEMALE Ø.047 CABLE ASSEMBLY
01/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com