Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC74 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC74
Description  DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC74 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC74 Datasheet HTML 1Page - STMicroelectronics M54HC74 Datasheet HTML 2Page - STMicroelectronics M54HC74 Datasheet HTML 3Page - STMicroelectronics M54HC74 Datasheet HTML 4Page - STMicroelectronics M54HC74 Datasheet HTML 5Page - STMicroelectronics M54HC74 Datasheet HTML 6Page - STMicroelectronics M54HC74 Datasheet HTML 7Page - STMicroelectronics M54HC74 Datasheet HTML 8Page - STMicroelectronics M54HC74 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M54HC74
M74HC74
October 1992
DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
B1R
(Plastic Package)
ORDER CODES :
M54HC74F1R
M74HC74M1R
M74HC74B1R
M74HC74C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
.
HIGH SPEED
fMAX = 71 MHz (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =2
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS74
The M54/74HC74 is a high speed CMOS DUAL D
TYPE FLOP WITH PRESET AND CLEAR fabri-
cated in silicon gate C
2MOS technology. It has the
same high speed performance of LSTTL combined
with true CMOS low power consumption. A signal on
the D INPUT is transferred to the Q OUTPUT during
the positive going transition of the clock pulse.
CLEAR and PRESET are independent of the clock
and accomplished by a low on the appropriate input.
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
DESCRIPTION
1/11


Similar Part No. - M54HC74

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC74 STMICROELECTRONICS-M54HC74 Datasheet
280Kb / 12P
RAD HARD DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
01-Jun-2004
M54HC74 STMICROELECTRONICS-M54HC74 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC74D STMICROELECTRONICS-M54HC74D Datasheet
280Kb / 12P
RAD HARD DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
01-Jun-2004
M54HC74D STMICROELECTRONICS-M54HC74D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC74D1 STMICROELECTRONICS-M54HC74D1 Datasheet
280Kb / 12P
RAD HARD DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
01-Jun-2004
More results

Similar Description - M54HC74

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
Mar-2000
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
Dual D-Type Flip-Flop with Preset and Clear
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
16-Dec-2004
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
Dual D-Type Flip-Flop with Preset and Clear
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74_08 Datasheet
304Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
74VHC74MTCX FAIRCHILD-74VHC74MTCX Datasheet
304Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
74VHC74 ONSEMI-74VHC74 Datasheet
465Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
August-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com