Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT210 Datasheet(PDF) 4 Page - Clarke International

Part # CAT210
Description  AIR BLOW GUN WITH HOSE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAT210 Datasheet(HTML) 4 Page - Clarke International

  CAT210 Datasheet HTML 1Page - Clarke International CAT210 Datasheet HTML 2Page - Clarke International CAT210 Datasheet HTML 3Page - Clarke International CAT210 Datasheet HTML 4Page - Clarke International CAT210 Datasheet HTML 5Page - Clarke International CAT210 Datasheet HTML 6Page - Clarke International CAT210 Datasheet HTML 7Page - Clarke International CAT210 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
GENERAL SAFETY RULES
WORK ENVIRONMENT
1. ALWAYS keep the work area clean and tidy.
2. ALWAYS dress appropriately - Do not wear loose clothing or jewellery. Tie
long hair out of the way.
3. ALWAYS keep children and visitors away - Do not let children handle the
blow gun.
4. DO NOT operate the blow gun where there are flammable liquids or gases.
USE OF AIR POWERED TOOLS
1. ALWAYS stay alert and use common sense - do not operate this blow gun
when you are tired or under the influence of alcohol, drugs or medication.
2. ALWAYS wear eye protectors when using the blow gun. Eye protectors must
provide protection from flying particles from the front and the side.
3. DO NOT use the blow gun when other persons or animals are nearby or
may be hit by flying debris caused by the blow gun.
4. DO NOT overreach - Keep proper footing and balance at all times.
5. DO NOT use oxygen, CO2, combustible gasses or any type of bottled gas
as a source of power for this blow gun.
6. DO NOT connect the air hose with your finger on the trigger.
7. DO NOT exceed the maximum pressure of 90 psi / 6.2 bar.
8. ALWAYS keep the air hose away from heat, oil and sharp edges.
9. DO NOT fit the blow gun to any stand or clamping device that may
damage it.
10. ALWAYS check air hoses for leaks or worn condition before use and ensure
that all connections are secure.
11. DO NOT use the blow gun for any purpose than that described in this
manual.
12. DO NOT discharge this blow gun at any persons or animals.
13. DO NOT insert into any part of yours or anyone else’s body.
CAUTION: FAILURE TO FOLLOW THESE PRECAUTIONS COULD RESULT IN
PERSONAL INJURY AND/OR DAMAGE TO PROPERTY.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com