Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCKEY90 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # LCKEY90
Description  USB 3.1 TYPE C KEYSTONE ADAPTER, 90°
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCKEY90 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  LCKEY90 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LC LG Rev-D5 Asize
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
PIN ASSIGNMENT
CN1
A1 A12 B1 B12
A4 A9 B4 B9
A5
B5
A6 B6
A7 B7
A2
A3
B11
B10
B2
B3
A11
A10
A8
B8
SHELL
CN2
A1 A12 B1 B12
A4 A9 B4 B9
A5
B5
A6 B6
A7 B7
B11
B10
A2
A3
A11
A10
B2
B3
B8
A8
SHELL
.68
17.3
.63
16.1
.59
15.1
1.31
33.4
BLACK ABS HOUSING
.328+-
.002
.001
8.34+-
0.06
0.02
.101±.002
2.56±0.04
CN1
USB TYPE C FEMALE
PIN: G/F
SHELL: NICKEL PLATED
A12
A1
B12
B1
.33
8.4
.64
16.1
.08
2
.58
14.7
.68
17.2
.328+-
.002
.001
8.34+-
0.06
0.02
.101±.002
2.56±0.04
CN2
USB TYPE C FEMALE
PIN: G/F
SHELL: NICKEL PLATED
B1
B12
A12
A1
NOTES:
ELECTRICAL TEST:
1.
100% OPEN SHORT MISS WIRE TEST
1.
CONTACT RESISTANCE: 5 OHM MAX
2.
INSULATION RESISTANCE: 10M OHM MIN
3.
HI-POT TEST: DC 300V/10ms
4.
PASS 5V3A/10Gbps TEST
5.
COMPONENT SHALL BE TESTED FOR CONTINUITY.
2.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IAW L-COM
3.
SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION).
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
A
INITIAL RELEASE
08/29/2024
HBAKKE
GUTTADAURO
ITEM NO.
1 OF 1
REV
CAGE CODE
SIZE
A
DRAWN BY
LCKEY90
A
USB 3.1 TYPE C KEYSTONE ADAPTER, 90°
HBAKKE
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
DESCRIPTION
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE
EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW
PROHIBITED.
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1


Similar Part No. - LCKEY90

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCKEY180 L-COM-LCKEY180 Datasheet
121Kb / 1P
USB 3.1 TYPE C KEYSTONE ADAPTER, 180°
08/29/2024
More results

Similar Description - LCKEY90

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
690-024-231-031 ETC2-690-024-231-031 Datasheet
315Kb / 2P
USB 3.1 TYPE C FEMALE
690-024-232-031 ETC2-690-024-232-031 Datasheet
330Kb / 2P
USB 3.1 TYPE C FEMALE
690-024-233-031 ETC2-690-024-233-031 Datasheet
467Kb / 2P
USB 3.1 TYPE C FEMALE SMT
690-024-260-900 ETC2-690-024-260-900 Datasheet
324Kb / 1P
USB 3.1 TYPE C PLUG CONNECTOR
logo
VITALCONN ELECTRONICS H...
UC4295XLB01 VITALCONN-UC4295XLB01 Datasheet
807Kb / 2P
USB 3.1 C TYPE FEMALE L8.60
logo
Suntsu Electronics, Inc...
SCNUS-UC-124SGF-SOVPM SUNTSU-SCNUS-UC-124SGF-SOVPM Datasheet
142Kb / 1P
USB TYPE C 3.1 FEMALE CONNECTOR
SCNUS-UC-124SGM-SOVPM SUNTSU-SCNUS-UC-124SGM-SOVPM Datasheet
152Kb / 1P
USB TYPE C 3.1 MALE CONNECTOR
logo
Amphenol Communications...
10157529 AMPHENOLCS-10157529 Datasheet
165Kb / 2P
USB 3.1 TYPE C RECEPTACLE VERTICAL TH TYPE
2020-04-02
logo
VITALCONN ELECTRONICS H...
UC42031LB10 VITALCONN-UC42031LB10 Datasheet
483Kb / 3P
USB 3.1 C TYPE L=9.8
REV: A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com