Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHDMF360 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # LHDMF360
Description  HDMI MALE TO FEMALE, ROTATABLE 360°
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LHDMF360 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  LHDMF360 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LC LG Rev-D5 Asize
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
.83
21
1.34
34
1.34
34
.36±.01
9.2±0.3
BLACK ABS HOUSING
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
19
SHELL
PIN ASSIGNMENT
CN1
CN2
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
19
SHELL
.44
11.2
2.87
73
.179+-
.002
.002
4.55+-
0.05
0.04
.551+-
.002
.002
14.00+-
0.05
0.04
CN2
HDMI TYPE A FEMALE
PIN: G/F
SHELL: G/F
PIN 2
PIN 18
PIN 19
PIN 1
.547+-
.002
.002
13.90+-
0.04
0.05
.175+-
.002
.002
4.45+-
0.04
0.05
CN1
HDMI TYPE A MALE
PIN: G/F
SHELL: G/F
PIN 2
PIN 18
PIN 1
PIN 19
NOTES:
ELECTRICAL TEST:
1.
100% OPEN SHORT MISS WIRE TEST
1.
CONTACT RESISTANCE: 5 OHM MAX
2.
INSULATION RESISTANCE: 10M OHM MIN
3.
HI-POT TEST: DC 300V/10ms
4.
PASS 1080P60HZ TEST
5.
OPERATING TEMPERATURE RANGE: -20°C TO 80°C
2.
COMPONENT SHALL BE TESTED FOR CONTINUITY.
3.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IAW L-COM
4.
SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION).
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
B
ECO-15681
03/27/2026
HBAKKE
DGUST
ITEM NO.
1 OF 1
REV
CAGE CODE
SIZE
A
DRAWN BY
LHDMF360
B
HDMI MALE TO FEMALE, ROTATABLE 360°
HBAKKE
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
DESCRIPTION
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE
EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW
PROHIBITED.
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1


Similar Part No. - LHDMF360

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LHDMI-RA-ADP L-COM-LHDMI-RA-ADP Datasheet
112Kb / 1P
HDMI FEMALE TO HDMI FEMALE ADAPTOR, BLACK ABS HOUSING, ROTATING 270
03/21/2023
More results

Similar Description - LHDMF360

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK627-10-R ASSMANN-AK627-10-R Datasheet
294Kb / 1P
HDMI CABLE, A/MALE TO A/MALE
logo
Tripp Lite. All Rights ...
P131000 TRIPPLITE-P131000 Datasheet
518Kb / 2P
HDMI Male to VGA Female Adapter
logo
Adam Technologies, Inc.
RF1-90-T-AS-75 ADAM-TECH-RF1-90-T-AS-75 Datasheet
99Kb / 1P
BNC FEMALE TO MALE
logo
Molex Electronics Ltd.
0687670199 MOLEX1-0687670199 Datasheet
39Kb / 1P
HDMI A Male-to-HDMI A Male Cable Assembly, Version 1.4 with Ethernet, 1.0m Length, Black
0687670200 MOLEX1-0687670200 Datasheet
39Kb / 1P
HDMI A Male-to-HDMI A Male Cable Assembly, Version 1.4 with Ethernet, 2.0m Length, Black
logo
Pasternack Enterprises,...
PE3067-360 PASTERNACK-PE3067-360 Datasheet
359Kb / 4P
BNC Male to BNC Male Cable 360 Inch Length Using RG58 Coax
logo
Tripp Lite. All Rights ...
P131-000 TRIPPLITE-P131-000 Datasheet
162Kb / 2P
HDMI Male to VGA Female Adapter - 1920x1200 @ 60 Hz, 1080p
P131-06N-MINI TRIPPLITE-P131-06N-MINI Datasheet
163Kb / 2P
Mini HDMI Male to VGA Female Adapter Cable - 6 in., 1920x1200, 1080p
logo
Molex Electronics Ltd.
0687670199 MOLEX10-0687670199_V01 Datasheet
40Kb / 1P
HDMI A Male-to-HDMI A Male Cable Assembly, Version 1.4 with Ethernet, 1.0m Length, Black
logo
Electronic Components L...
CP30200G CLIFF-CP30200G Datasheet
468Kb / 1P
HDMI FEMALE - FEMALE FEEDTHROUGH CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com