Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLBADPC6-PR Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # LLBADPC6-PR
Description  CAT6 GIGABIT LOOPBACK ADAPTER RJ48C JACK & RJ45 PLUG, PURPLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LLBADPC6-PR Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  LLBADPC6-PR Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LC LG Rev-D5 Asize
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
RJ45
PLUG
RJ48C
JACK
PURPLE
1
8
8
1
NOTES:
TEST: 100% ELECTRICAL TEST AT 1M OHM
1.
INSULATION RESISTANCE.
CHAIN INCLUDED.
2.
RJ48C
WIRING SPEC
RJ48C
RJ48C
JACK
JACK
JACK
1
2
3
4
5
6
7
8
7
4
5
8
4
RJ45
PLUG
1
2
3
5
6
7
8
RJ45
RJ45
PLUG
PLUG
3
1
2
6
FROM
TO
FROM
TO
2
1
6
3
5
4
8
7
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
B
ECO-14004
11/15/2024
KGLEBOVA
DGUST
ITEM NO.
1 OF 1
REV
CAGE CODE
SIZE
A
DRAWN BY
LLBADPC6-PR
B
CAT6 GIGABIT LOOPBACK ADAPTER RJ48C JACK & RJ45 PLUG,
PURPLE
DMAY
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
DESCRIPTION
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE
EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW
PROHIBITED.
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1


Similar Part No. - LLBADPC6-PR

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LLBADPC5E-BL L-COM-LLBADPC5E-BL Datasheet
139Kb / 1P
CAT5e ETHERNET LOOPBACK ADAPTER RJ48C JACK & RJ45 PLUG, DARK BLUE
11/15/2024
More results

Similar Description - LLBADPC6-PR

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N201-001-PU TRIPPLITE-N201-001-PU Datasheet
170Kb / 3P
Cat6 Gigabit Snagless Molded UTP Patch Cable (RJ45 M/M), Purple, 1 ft.
N201-125-PU TRIPPLITE-N201-125-PU Datasheet
159Kb / 2P
Cat6 Gigabit Snagless Molded Patch Cable (RJ45 M/M) - Purple, 125-ft.
N201-150-PU TRIPPLITE-N201-150-PU Datasheet
159Kb / 2P
Cat6 Gigabit Snagless Molded Patch Cable (RJ45 M/M) - Purple, 150-ft.
N201-003-PU TRIPPLITE-N201-003-PU Datasheet
160Kb / 3P
Cat6 Gigabit Snagless Molded Patch Cable (RJ45 M/M) - Purple, 3-ft.
N201-025-PU TRIPPLITE-N201-025-PU Datasheet
160Kb / 3P
Cat6 Gigabit Snagless Molded Patch Cable (RJ45 M/M) - Purple, 25-ft.
N201-006-PU TRIPPLITE-N201-006-PU Datasheet
170Kb / 3P
Cat6 Gigabit Snagless Molded UTP Patch Cable (RJ45 M/M), Purple, 6 ft.
N201-007-PU TRIPPLITE-N201-007-PU Datasheet
160Kb / 3P
Cat6 Gigabit Snagless Molded Patch Cable (RJ45 M/M) - Purple, 7-ft.
N201-005-PU TRIPPLITE-N201-005-PU Datasheet
160Kb / 3P
Cat6 Gigabit Snagless Molded Patch Cable (RJ45 M/M) - Purple, 5-ft.
N201-010-PU TRIPPLITE-N201-010-PU Datasheet
160Kb / 3P
Cat6 Gigabit Snagless Molded Patch Cable (RJ45 M/M) - Purple, 10-ft.
N201-014-PU TRIPPLITE-N201-014-PU Datasheet
160Kb / 3P
Cat6 Gigabit Snagless Molded Patch Cable (RJ45 M/M) - Purple, 14-ft.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com