Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF540N Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IRF540N
Description  isc N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF540N Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IRF540N Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF540N Datasheet HTML 2Page - Inchange Semiconductor Company Limited IRF540N Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc N-Channel MOSFET Transistor
IRF540N
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TC=25℃ unless otherwise specified)
SYMBO
L
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
BVDSS
Drain-Source Breakdown Voltage VGS=0V; ID =250μA
100
--
--
V
VGS(th)
Gate Threshold Voltage
VDS=VGS; ID =250μA
2.0
--
4.0
V
RDS(on)
Drain-Source On-Resistance
VGS=10V; ID=16A
--
--
0.044
Ω
IGSS
Gate-Source Leakage Current
VGS= ±20V
--
--
±0.1
uA
IDSS
Drain-Source Leakage Current
VDS=100V; VGS= 0V
--
--
25
uA
VSD
Diode forward voltage
IS=16A, VGS = 0V
--
--
1.2
V
Ciss
Input Capacitance
VGS=0V,VDS=25V,f=1MHz
--
1331
--
pF
Coss
Output Capacitance
--
276
--
Crss
Reverse Transfer Capacitance
--
88
--
Qg
Total Gate Charge
VDD=80V,ID=30A,VGS=10V
--
53
--
nC
Qgs
Gate-Source Charge
--
6
--
Qgd
Gate-Drain Charge
--
29
--
td(on)
Turn-on Delay Time
VDD=50V,ID=30A,RG=25Ω
--
39
--
ns
tr
Turn-on Rise Time
--
45
--
td(off)
Turn-off Delay Time
--
207
--
tf
Turn-off Fall Time
--
64
--



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com