Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF830 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IRF830
Description  isc N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF830 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IRF830 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF830 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IRF830 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc N-Channel MOSFET Transistor
IRF830
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TC=25℃ unless otherwise specified)
SYMBO
L
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V; ID= 0.25mA
500
--
--
V
IDSS
Zero Gate Voltage Drain Current
VDS= 500V; VGS= 0V
--
--
25
uA
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0V
--
--
±
100
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID= 0.25mA
2.0
--
4.0
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 2.5A
--
--
1.5
Ω
VSD
Forward On-Voltage
IS= 4.5A; VGS= 0V
--
--
1.6
V
Ciss
Input Capacitance
VDS=25V,VGS=0V,f=1MHz
--
535
--
pF
Coss
Output Capacitance
--
63
--
Crss
Reverse Transfer Capacitance
--
4.7
--
td(on)
Turn−On Delay Time
VDD=250V,ID=6A,RG=25Ω
--
10
--
ns
tr
Rise Time
--
160
--
td(off)
Turn−Off Delay Time
--
25
--
tf
Fall Time
--
38
--
Qg
Total Gate Charge
VDD=400V,ID=6A,VGS=10V
--
14.4
--
nC
Qgs
Gate−Source Charge
--
2.8
--
Qgd
Gate−Drain Charge
--
6.8
--
trr
Reverse Recovery Time
VDD=250V,IS=6A,diF/dt=100A/us
--
270
--
ns
Qrr
Reverse Recovery Charge
--
1.9
--
uC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com