Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4BC40F Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IRG4BC40F
Description  Standard Speed IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRG4BC40F Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRG4BC40F Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRG4BC40F Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IRG4BC40F
Standard Speed IGBT
www.iscsemi.com
1
FEATURES
· Low Saturation Voltage:VCE(sat)= 1.7V@IC= 27A
· High efficiency
· Lead Free
APPLICATIONS
· SMPS
· Motor Drives
· UPS Inverters
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
600
V
VGE
Gate-Emitter Voltage
±
20
V
IC
Collector
Current-Continuous
TC=25℃
49
A
TC=100℃
27
A
ICM
Pulsed Collector Current
196
A
PD
Power Dissipation
160
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.78
℃
/W


Similar Part No. - IRG4BC40F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC40F IRF-IRG4BC40F Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISOR(Vces=600V, Vce(on)typ.=1.50V, @Vge=15V, Ic=27A)
IRG4BC40F IRF-IRG4BC40F Datasheet
98Kb / 35P
Fit Rate / Equivalent Device Hours
IRG4BC40FD IRF-IRG4BC40FD Datasheet
98Kb / 35P
Fit Rate / Equivalent Device Hours
IRG4BC40FPBF IRF-IRG4BC40FPBF Datasheet
260Kb / 8P
Fast Speed IGBT INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
More results

Similar Description - IRG4BC40F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GA100TS60SQ IRF-GA100TS60SQ Datasheet
113Kb / 7P
HALF-BRIDGE IGBT INT-A-PAK Standard Speed IGBT
GA600HD25S IRF-GA600HD25S Datasheet
637Kb / 10P
Standard Speed IGBT
GA100TS60SF IRF-GA100TS60SF Datasheet
112Kb / 7P
Standard Speed IGBT
IRG4PC40SPBF IRF-IRG4PC40SPBF Datasheet
627Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
IRG4BC40SPBF IRF-IRG4BC40SPBF Datasheet
582Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
IRG4PC50S-P IRF-IRG4PC50S-P Datasheet
151Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
IRG4PC30SPBF IRF-IRG4PC30SPBF Datasheet
249Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
IRG4BC30S-SPBF IRF-IRG4BC30S-SPBF Datasheet
212Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
GA200HS60S1 IRF-GA200HS60S1 Datasheet
67Kb / 6P
HALF-BRIDGE IGBT INT-A-PAK Standard Speed IGBT
logo
Vishay Siliconix
VS-GA100TS60SFPBF VISHAY-VS-GA100TS60SFPBF_V01 Datasheet
153Kb / 7P
“Half-Bridge” IGBT INT-A-PAK, (Standard Speed IGBT), 100 A
10-Jun-15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com