Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC77 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC77
Description  4-BIT D-TYPE LATCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC77 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC77 Datasheet HTML 1Page - STMicroelectronics M74HC77 Datasheet HTML 2Page - STMicroelectronics M74HC77 Datasheet HTML 3Page - STMicroelectronics M74HC77 Datasheet HTML 4Page - STMicroelectronics M74HC77 Datasheet HTML 5Page - STMicroelectronics M74HC77 Datasheet HTML 6Page - STMicroelectronics M74HC77 Datasheet HTML 7Page - STMicroelectronics M74HC77 Datasheet HTML 8Page - STMicroelectronics M74HC77 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
M54HC77
M74HC77
October 1992
4-BIT D-TYPE LATCH
B1R
(Plastic Package)
ORDER CODES :
M54HC77F1R
M74HC77M1R
M74HC77B1R
M74HC77C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
.
HIGH SPEED
tPD = 10 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =2
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS77
The M54/74HC77 is a high speed CMOS 4-BIT D-
TYPE LATCH fabricated in silicon gate C
2MOS tech-
nology. It has the same high speed performance of
LSTTL combined with true CMOS low power con-
sumption. It contains two groups of 2-bit latches con-
trolled by an enable input (G1
• 2or G3 • 4). These
two latch groups can be used in different circuits. The
data applied to the data inputs (1D, 2D, or 3D, 4D) are
transfered to the Q outputs (1Q, 2Q, or 3Q, 4Q) re-
spectively when the enable input (G1
• 2or G3 • 4) is
taken high. The Q outputs will follow the data inputs
as long as the enable input is kept high. When the en-
able input is taken low, the information data applied to
the data inputs is retained at the Q outputs. All inputs
are equipped with protection circuits against static dis-
charge and transient excess voltage.
DESCRIPTION
1/10


Similar Part No. - M74HC77

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC77 STMICROELECTRONICS-M74HC77 Datasheet
241Kb / 10P
4-BIT D-TYPE LATCH
Aug-2001
M74HC77B1R STMICROELECTRONICS-M74HC77B1R Datasheet
241Kb / 10P
4-BIT D-TYPE LATCH
Aug-2001
M74HC77C1R STMICROELECTRONICS-M74HC77C1R Datasheet
241Kb / 10P
4-BIT D-TYPE LATCH
Aug-2001
M74HC77M1R STMICROELECTRONICS-M74HC77M1R Datasheet
241Kb / 10P
4-BIT D-TYPE LATCH
Aug-2001
More results

Similar Description - M74HC77

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS375 MOTOROLA-SN54LS375 Datasheet
163Kb / 5P
4-BIT D LATCH
SN54LS75 MOTOROLA-SN54LS75 Datasheet
98Kb / 4P
4-BIT D LATCH
logo
STMicroelectronics
M54HC75 STMICROELECTRONICS-M54HC75 Datasheet
238Kb / 9P
4 BIT D TYPE LATCH
01-Jun-2004
M54HCT75 STMICROELECTRONICS-M54HCT75 Datasheet
239Kb / 9P
4 BIT D TYPE LATCH
Jan-1993
M74HC75-1 STMICROELECTRONICS-M74HC75-1 Datasheet
268Kb / 10P
4 BIT D TYPE LATCH
Aug-2001
M74HC75 STMICROELECTRONICS-M74HC75 Datasheet
238Kb / 9P
4 BIT D TYPE LATCH
Dec-1992
M74HC77 STMICROELECTRONICS-M74HC77 Datasheet
241Kb / 10P
4-BIT D-TYPE LATCH
Aug-2001
M74HCT75-2 STMICROELECTRONICS-M74HCT75-2 Datasheet
280Kb / 9P
4 BIT D TYPE LATCH
Sep-2001
M54HC75 STMICROELECTRONICS-M54HC75 Datasheet
250Kb / 10P
RAD HARD 4 BIT D TYPE LATCH
01-Jun-2004
logo
Toshiba Semiconductor
TC74HC375AP TOSHIBA-TC74HC375AP Datasheet
318Kb / 9P
4-Bit D Type Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com